Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DC2626A Datasheet (PDF) - Analog Devices

DC2626A Datasheet PDF - Analog Devices
Part # DC2626A
Download  DC2626A Download
File Size   332.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8392 3V Minimum VIN, 12VOUT High Power Synchronous 4-Switch Buck-Boost Regulator

DC2626A Datasheet (PDF)

Go To PDF Page Download Datasheet
DC2626A Datasheet PDF - Analog Devices

Part # DC2626A
Download  DC2626A Click to download

File Size   332.84 Kbytes
Page   6 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LT8392 3V Minimum VIN, 12VOUT High Power Synchronous 4-Switch Buck-Boost Regulator

DC2626A Datasheet (HTML) - Analog Devices


DC2626A Product details

DESCRIPTION
Demonstration circuit 2626A is a 4-switch synchronous
buck-boost regulator that demonstrates the high power
capability of the LT®8392. The output is 12V and the
maximum output current is 12A for up to 144W power
delivery. The switching frequency is 200kHz and efficiency
can exceed 97%.
The steady-state operating input voltage range of
DC2626A in which the temperature of the components is
less than 90°C is from 9V to 18V. The transient operating
input voltage range of DC2626A is from 3V to 36V.
The output voltage and EN/UVLO are all programmed by
resistor dividers. EN/UVLO is set so the circuit will turn
off when the input voltage falls below 3V and will turn on
when the input voltage rises above 4V. The PCB has large
copper planes and extensive vias for excellent high power
thermal performance.
DC2626A features MOSFETs that complement the 5V
gate drive of the LT8392 to achieve high efficiency. 40V
AEC-Q101 MOSFETs are used on the input and output
side of the four-switch topology. Ceramic capacitors are
used at both the circuit input and output because of their
small size and high ripple current capability. In addition
to ceramic capacitors, there are bulk aluminum polymer
capacitors on the input and output to make input and
output stable during transient period.
The CTRL input is pulled up to the VREF pin through a 0Ω
resistor to set the output current limit to its maximum,
and an external voltage on CTRL can be used to lower the
current limit if the resistor is removed. A capacitor at the
SS pin programs soft-start.
To improve the EMI performance, the LT8392 has spread
spectrum frequency modulation. With the SYNC/SPRD pin
tied to INTVCC, LT8392 spreads its switching frequency
±15% around the programmed oscillator frequency.
The PGOOD status flag indicates when output voltage is
within ±10% of the final regulation voltage.
The LT8392’s proprietary peak current mode buck-boost
architecture ensures DC2626A runs either in discontinuous
conduction mode (DCM) or pulse-skipping mode
(PSM) without reverse inductor current. Both modes
enhance the light load efficiency.
The demo circuit is designed to be easily reconfigured to
suit other applications, including the example schematics
in the data sheet. Consult the factory for assistance.
High power operation, 3V input voltage operation,
4-switch buck-boost topology, proprietary peak current
mode architecture, fault protection and output current
monitoring make the LT8392 attractive for high power
voltage regulator circuits and also circuits whose input
voltage drops to 3V such as cold crank of car battery. It
is also suitable for output current regulation such as battery
chargers. The LT8392JFE is available in a thermally
enhanced 28 lead TSSOP package. The LT8392 data sheet
must be read in conjunction with this demo manual to
properly use or modify demo circuit DC2626A.




Similar Part No. - DC2626A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DC2617A AD-DC2617A Datasheet
198Kb / 6P
LTC6820 isoSPI/Isolated CAN Arduino Shield
REV. 4 10-10-17
DC2641A AD-DC2641A Datasheet
777Kb / 10P
High Input Voltage Synchronous Buck Converter
logo
Linear Technology
DC2660A LINER-DC2660A Datasheet
570Kb / 8P
65V, 8A Synchronous Step-Down Silent Switcher 2
logo
France Joint
DC26X47X8 FRANCEJOINT-DC26X47X8 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
DC26X52X8 FRANCEJOINT-DC26X52X8 Datasheet
459Kb / 5P
STANDARD SHAFT SEALS
More results


Similar Description - DC2626A

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8705 LINER-LT8705_15 Datasheet
544Kb / 44P
80V VIN and VOUT Synchronous 4-Switch Buck- Boost DC/DC Controller
logo
Texas Instruments
LM5175 TI-LM5175_15 Datasheet
1Mb / 37P
LM5175 42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
logo
Linear Technology
LT8705A LINER-LT8705A Datasheet
373Kb / 10P
80V VIN and VOUT Synchronous 4-Switch Buck-Boost DC/DC Controller
logo
Texas Instruments
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
logo
Analog Devices
DC2431A AD-DC2431A Datasheet
661Kb / 8P
High Power Synchronous 4-Switch Buck- Boost Regulator with Spread Spectrum
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com