Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1590BCB Datasheet (PDF) - Hammond Manufacturing Ltd.

1590BCB Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1590BCB
Download  1590BCB Download
File Size   1476.49 Kbytes
Page   6 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors

1590BCB Datasheet (PDF)

Go To PDF Page Download Datasheet
1590BCB Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1590BCB
Download  1590BCB Click to download

File Size   1476.49 Kbytes
Page   6 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors

1590BCB Datasheet (HTML) - Hammond Manufacturing Ltd.


1590BCB Product details

Features
Rugged diecast aluminum alloy electronic instrument enclosure.
Diecast aluminum is tough yet easy to machine.
Lap joint construction provides protection against access of dust and splashing water.Also provides for improved EMI/RFI shielding.
Unpainted version is vibra finished for a smooth surface with no sharp edges.
Textured black version is coated with tough polyester powder paint for a lasting finish,even after machining. Black screws are included to enhance appearance.
Includes screws threaded into factory-tapped holes. Screw type and quantity vary.
Standard versions are designed to meet IP54.
Watertight versions are designed to meet IP65 and include a gasket. Gasket is suppliedloose inside the enclosure (not pre-installed).
Low side wall draft angle (2° or less) for easy PC board mounting.




Similar Part No. - 1590BCB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590BCB HAMMOND-1590BCB Datasheet
506Kb / 6P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
6/4/2018
1590BCB HAMMOND-1590BCB Datasheet
504Kb / 7P
Diecast Aluminum Enclosures 1590 Series Over 500 Options. Wall-Mounting, Water-Tight, Colors
11/1/2017
1590BCB HAMMOND-1590BCB Datasheet
519Kb / 6P
Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
12/27/2018
1590BCB HAMMOND-1590BCB Datasheet
347Kb / 10P
Die-Cast Aluminum
1590BCB HAMMOND-1590BCB Datasheet
519Kb / 6P
Diecast Aluminum Enclosures 1590 Series General Purpose, Wall-Mounting, Water-Tight, Colors
3/30/2019
More results


Similar Description - 1590BCB

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1590VFL HAMMOND-1590VFL Datasheet
152Kb / 2P
DIECAST ALUMINUM ENCLOSURES
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
Bivar, Inc.
PM5-A17R110AC BIVAR-PM5-A17R110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17R28V BIVAR-PM5-A17R28V Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17W110AC BIVAR-PM5-A17W110AC Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-A17W28V BIVAR-PM5-A17W28V Datasheet
234Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17G110AC BIVAR-PM5-S17G110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17R110AC BIVAR-PM5-S17R110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17W110AC BIVAR-PM5-S17W110AC Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
PM5-S17Y28V BIVAR-PM5-S17Y28V Datasheet
229Kb / 2P
WATER TIGHT PANEL MOUNT LED ASSEMBLY, 12.7MM MOUNTING
02/23/11
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com