Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC618ALP3E Datasheet (PDF) - Analog Devices

HMC618ALP3E Datasheet PDF - Analog Devices
Part # HMC618ALP3E
Download  HMC618ALP3E Download
File Size   944.5 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz

HMC618ALP3E Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC618ALP3E Datasheet PDF - Analog Devices

Part # HMC618ALP3E
Download  HMC618ALP3E Click to download

File Size   944.5 Kbytes
Page   14 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz

HMC618ALP3E Datasheet (HTML) - Analog Devices


HMC618ALP3E Product details

Features
Noise Figure: 0.75 dB
Gain: 19 dB
OIP3: 36 dBm
Single Supply: +3V to +5V
50 Ohm Matched Input/Output
16 Lead 3x3mm SMT Package: 9 mm2




Similar Part No. - HMC618ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
logo
Analog Devices
HMC618ALP3E AD-HMC618ALP3E Datasheet
865Kb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER
More results


Similar Description - HMC618ALP3E

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC375LP3 HITTITE-HMC375LP3 Datasheet
239Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3 Datasheet
292Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC375LP3 HITTITE-HMC375LP3_06 Datasheet
311Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618LP3 HITTITE-HMC618LP3 Datasheet
326Kb / 10P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E Datasheet
463Kb / 10P
GaAs SMT PHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC382LP3 HITTITE-HMC382LP3_10 Datasheet
214Kb / 6P
GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC617LP3 HITTITE-HMC617LP3 Datasheet
1Mb / 8P
GaAs SMT PHEMT LOW NOISE AMPLIFIER, 0.55 - 1.2 GHz
HMC618LP3 HITTITE-HMC618LP3_11 Datasheet
1Mb / 14P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
HMC818LP4E HITTITE-HMC818LP4E_10 Datasheet
1Mb / 10P
GaAs SMT pHEMT DUAL CHANNEL LOW NOISE AMPLIFIER, 1.7 - 2.2 GHz
HMC618ALP3E HITTITE-HMC618ALP3E Datasheet
1Mb / 16P
GaAs SMT pHEMT LOW NOISE AMPLIFIER, 1.2 - 2.2 GHz
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com