Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1591XXCSFLBK Datasheet (PDF) - Hammond Manufacturing Ltd.

1591XXCSFLBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1591XXCSFLBK
Download  1591XXCSFLBK Download
File Size   224.19 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Multi-Purpose Enclosures w/ PC Board Standoffs 1591XX Series Flame Retardant, General Purpose, Flanged Lid Options

1591XXCSFLBK Datasheet (PDF)

Go To PDF Page Download Datasheet
1591XXCSFLBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1591XXCSFLBK
Download  1591XXCSFLBK Click to download

File Size   224.19 Kbytes
Page   3 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Multi-Purpose Enclosures w/ PC Board Standoffs 1591XX Series Flame Retardant, General Purpose, Flanged Lid Options

1591XXCSFLBK Datasheet (HTML) - Hammond Manufacturing Ltd.


1591XXCSFLBK Product details

Key Features
Ideally suited for mounting printed circuit boards horizontally.
Internal sides of enclosure are smooth for easy connector installation except for the
largest enclosure. 1591XXF. 1591XXF size is a universal type which includes P.C.board
standoffs in the lid and enclosure PLUS includes card guides.
Strong tongue and groove lid to box construction provides protection against access of
dust and splashing water.
Designed to meet IP54.
Lid and box both contain - molded in PC board standoffs.
Standard black and gray versions molded from easy to machine, flame retardant ABS
plastic (material carries a UL flammability rating of 94V-0).
Transparent blue and all economy versions are molded from general purpose (not flameretardant)
plastic.
Stocked in satin texture black and grey.
On standard versions, the lid is secured with M3 x 10 mm Phillips machine screws
threaded into integral brass bushings. Perfect for applications with repetitive assembly
and disassembly are required.
Economy versions are assembled with self tapping screws into fully plastic posts.
Black and transparent blue enclosures include black screws, gray enclosures include
nickel plated screws.




Similar Part No. - 1591XXCSFLBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1591XXCSFLBK HAMMOND-1591XXCSFLBK Datasheet
322Kb / 3P
ABS Plastic Multi-Purpose Enclosures w/ PC Board Standoffs 1591XX Series Flame Retardant, General Purpose, Flanged Lid Options
10/19/2017
1591XXCSFLBK HAMMOND-1591XXCSFLBK Datasheet
212Kb / 3P
ABS Plastic Multi-Purpose Enclosures w/ PC Board Standoffs 1591XX Series Flame Retardant, General Purpose, Flanged Lid Options
8/25/2018
1591XXCSFLBK HAMMOND-1591XXCSFLBK Datasheet
211Kb / 3P
ABS Plastic Multi-Purpose Enclosures w/ PC Board Standoffs 1591XX Series Flame Retardant, General Purpose, Flanged Lid Options
6/24/2018
More results


Similar Description - 1591XXCSFLBK

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1EBP MACOM-1EBP Datasheet
177Kb / 3P
PC Board Mountable General Purpose RFI Filters
logo
List of Unclassifed Man...
13633 ETC1-13633 Datasheet
219Kb / 5P
Normal Wall Flame Retardant Heat Shrink Tubing
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
List of Unclassifed Man...
1591GFLBK ETC2-1591GFLBK Datasheet
235Kb / 1P
FLAME RETARDANT ABS
logo
EPCOS
B82422T1224K EPCOS-B82422T1224K Datasheet
486Kb / 9P
Flame-retardant molding
logo
Kersemi Electronic Co.,...
2S2M KERSEMI-2S2M Datasheet
1Mb / 4P
Employs flame-retardant epoxy resin
03P4MG KERSEMI-03P4MG Datasheet
1Mb / 5P
Employs flame-retardant epoxy resin
3P4MH KERSEMI-3P4MH Datasheet
922Kb / 4P
Employs flame-retardant epoxy resin UL94V-0
logo
Ohmite Mfg. Co.
RES-MX OHMITE-RES-MX Datasheet
140Kb / 1P
Flame retardant silicone
logo
T-Global Technology
TG-LH-FBPE-80U-1 TGLOBAL-TG-LH-FBPE-80U-1 Datasheet
513Kb / 1P
Flame Retardant Potting Epoxy
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com