Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1598EBK Datasheet (PDF) - Hammond Manufacturing Ltd.

1598EBK Datasheet PDF - Hammond Manufacturing Ltd.
Part # 1598EBK
Download  1598EBK Download
File Size   209.09 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Instrument Enclosures 1598 Series ABS Clam Shell Body w/ End Panels

1598EBK Datasheet (PDF)

Go To PDF Page Download Datasheet
1598EBK Datasheet PDF - Hammond Manufacturing Ltd.

Part # 1598EBK
Download  1598EBK Click to download

File Size   209.09 Kbytes
Page   2 Pages
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Description ABS Plastic Instrument Enclosures 1598 Series ABS Clam Shell Body w/ End Panels

1598EBK Datasheet (HTML) - Hammond Manufacturing Ltd.


1598EBK Product details

Features:
Desk top electronic instrument enclosure, ideally suited for mounting printed circuit
boards.
Designed to meet IP54.
Two sets of vertical 1.5 mm (0.062”) P.C. board guides are molded into case halves front
and rear.
Integral horizontal P.C. card mounts on Eurocard centers.
P.C. card standoffs molded into top & bottom half of enclosure - require #6 x 1/4” (6.4mm)
screws - part number 1598ATS100
Standard version
Stocked in matte textured black and grey.
Molded from flame retardant ABS plastic (material carries a UL flammability rating of 94V-
0).
Enclosure halves are secured with M3 x 0.5” x 10 mm (0.39”) Phillips machine screws
threaded into tapped integral brass bushings. Perfect for applications with repetitive
assembly and disassembly are required.
Front and rear panels are 1.6 mm (0.064”) brushed aluminum with protective paper on
one side.
Economy Version
Molded from general purpose ABS plastic (not flame retardant).
Enclosure halves are secured with self tapping screws threaded into plastic standoffs.
Not recommended for repeated assembly and disassembly.
Available with either brushed aluminum or black plastic end panels.
Other 1598 Series
If EMI/ RFI shielding is required, try series 1598R.




Similar Part No. - 1598EBK

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
1598EBK HAMMOND-1598EBK Datasheet
211Kb / 2P
Quality Products. Service Excellence
1598EBK HAMMOND-1598EBK Datasheet
198Kb / 3P
Instrument Case - ABS (1598 Series)
1598EBK HAMMOND-1598EBK Datasheet
367Kb / 1P
Enclosure with Aluminum Panels
More results


Similar Description - 1598EBK

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G422 ETC2-G422 Datasheet
117Kb / 2P
Multipurpose Enclosures - ABS
G2128 ETC2-G2128 Datasheet
91Kb / 1P
Multipurpose Enclosures - ABS and Polycarbonate
logo
Hammond Manufacturing L...
RS5305S HAMMOND-RS5305S Datasheet
155Kb / 2P
RITEC - Sealed - ABS Plastic Enclosures
logo
ORION FANS
GRM40 ORIONFANS-GRM40 Datasheet
416Kb / 1P
Plastic - reinforced ABS
GRM60 ORIONFANS-GRM60 Datasheet
463Kb / 1P
Plastic - reinforced ABS
GRM80 ORIONFANS-GRM80 Datasheet
450Kb / 1P
Plastic - reinforced ABS
GRM92 ORIONFANS-GRM92 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM120 ORIONFANS-GRM120 Datasheet
449Kb / 1P
Plastic - reinforced ABS
GRM172 ORIONFANS-GRM172 Datasheet
460Kb / 1P
Plastic - reinforced ABS
logo
Bud Industries, Inc.
PTR-28483 BUD-PTR-28483 Datasheet
135Kb / 1P
PTR SERIES - ABS ALL PLASTIC
9/27/2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com