Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC90802 Datasheet (PDF) - Texas Instruments

DAC90802 Datasheet PDF - Texas Instruments
Part # DAC90802
Download  DAC90802 Download
File Size   5098.93 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC90802, Dual 18-Bit, Voltage Output Multiplying DAC

DAC90802 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC90802 Datasheet PDF - Texas Instruments

Part # DAC90802
Download  DAC90802 Click to download

File Size   5098.93 Kbytes
Page   81 Pages
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments
Description DAC90802, Dual 18-Bit, Voltage Output Multiplying DAC

DAC90802 Datasheet (HTML) - Texas Instruments


DAC90802 Product details

1 Features
• INL: 1.9ppm (±0.5LSB at 18 bits)
• DNL: 1.9ppm (±0.5LSB at 18 bits)
• VREF range: ±21V
• Integrated ±21V output buffer with high slew rate
• Digitally controlled gain options: 1 ×, 2 ×, and 4 ×
• 50ns settling to 0.1%FSR with 140pVs glitch
• Reference multiplying bandwidth: 25MHz, MFE
−90dB at 100kHz
• THD at ±5V output: −125dB (2kHz) and −110dB
(100kHz)
• QSPI™-compatible interface: 33MUPS in 16-bit
high-speed mode at 66MHz DDR
• Double-buffered registers with per-channel LDAC
pins
• Internal power on reset
• Separate 4Q multiplying, Kelvin-connected
reference inputs
• Integrated ground buffer




Similar Part No. - DAC90802

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
DAC908 BURR-BROWN-DAC908 Datasheet
180Kb / 15P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC908 TI1-DAC908 Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC908 TI2-DAC908 Datasheet
566Kb / 24P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
JUNE 2003
logo
Burr-Brown (TI)
DAC908E BURR-BROWN-DAC908E Datasheet
180Kb / 15P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC908E TI1-DAC908E Datasheet
789Kb / 23P
8-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Similar Description - DAC90802

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7528 AD-AD7528 Datasheet
188Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
logo
Linear Technology
LTC1590 LINER-LTC1590 Datasheet
288Kb / 12P
Dual Serial 12-Bit Multiplying DAC
logo
Analog Devices
AD7528JP-REEL AD-AD7528JP-REEL Datasheet
191Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7628KNZ AD-AD7628KNZ Datasheet
196Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. A
5962-8770102RA AD-5962-8770102RA Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
AD7528LRZ AD-AD7528LRZ Datasheet
174Kb / 8P
CMOS Dual 8-Bit Buffered Multiplying DAC
REV. B
logo
API Technologies Corp
DAC9331-14 APITECH-DAC9331-14 Datasheet
2Mb / 2P
14-Bit Multiplying DAC
logo
Linear Technology
LTC1590 LINER-LTC1590_15 Datasheet
257Kb / 12P
Dual Serial 12-Bit Multiplying DAC
logo
Analog Devices
AD5781 AD-AD5781_18 Datasheet
886Kb / 27P
True 18-Bit, Voltage Output DAC
4/2018-Rev. D to Rev. E
AD5415 AD-AD5415_16 Datasheet
700Kb / 27P
Dual 12-Bit, High Bandwidth, Multiplying DAC
12/15-Rev. E to Rev. F
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com