Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM-26 Datasheet (PDF) - Swissbit AG

EM-26 Datasheet PDF - Swissbit AG
Part # EM-26
Download  EM-26 Download
File Size   2435.26 Kbytes
Page   48 Pages
Manufacturer  SWISSBIT [Swissbit AG]
Direct Link  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG
Description Industrial eMMC Memory

EM-26 Datasheet (PDF)

Go To PDF Page Download Datasheet
EM-26 Datasheet PDF - Swissbit AG

Part # EM-26
Download  EM-26 Click to download

File Size   2435.26 Kbytes
Page   48 Pages
Manufacturer  SWISSBIT [Swissbit AG]
Direct Link  https://www.swissbit.com/en/
Logo SWISSBIT - Swissbit AG
Description Industrial eMMC Memory

EM-26 Datasheet (HTML) - Swissbit AG


EM-26 Product details

1 Product Features
 Fully compliant with JEDEC eMMC 5.0 Standard (JESD84-B50)
 153-ball BGA, 0.5mm pitch
11.5 x 13mm, RoHS compliant
 pSLC NAND base technology
 High performance eMMC 5.0 specification
o Eleven-wire bus (clock, Data Strobe, 1 bit command, 8 bit data bus) and a hardware reset
o Three different data bus width modes: 1-bit (default), 4-bit, and 8-bit
o Clock frequencies 0-200MHz, High Speed Mode HS400
o Up to 270MB/s sequential read and up to 160MB/s sequential write in pSLC mode
 Power Supply: (Low-power CMOS technology)
o VCCQ 1.7V…1.95V or 2.7V…3.6V eMMC supply
o VCC 2.7V…3.6V NAND Flash supply
 Optimized FW algorithms
o Power-fail data loss protection
o Wear Leveling technology
Equal wear leveling of static and dynamic data. The wear leveling assures that dynamic data as
well as static data is balanced evenly across the memory. With that the maximum write
endurance of the device is guaranteed
o Read Disturb Management
The read commands per region are monitored and the content is conditionally refreshed when
critical levels have occurred
o Auto Read Refresh
The interruptible background process maintains the user data for Read Disturb effects or Retention
degradation due to high temperature effects
o Diagnostic features with Device Health Report according to eMMC Spec 5.0, and new Firmware
FW2 with detailed Lifetime Monitor data.
o Field Firmware update according to eMMC Spec 5.0
o Discard and Sanitize, Trim
o Boot Operation Mode and Alternative Boot Operation Mode
o Replay Protected Memory Block (RPMB)
 High reliability
o Enhanced/reliable mode (pSLC), optimal for intensive write applications.
o Designed with sophisticated firmware architecture for industrial and embedded markets.
o Ideal for application like POS/POI, PLC, IoT, gaming, medical and use as general boot medium for
embedded applications.
o The product is optimized for long life cycle that requires superior data retention as well as power
fail safety.
o Industrial Temperature range, -40° up to 85°C
Controlled BOM & PCN process
3 Product Description
The Swissbit eMMC is a managed non-volatile storage consisting of a single chip MMC controller and a NAND
flash memory chip inside a JEDEC defined standard BGA package. It is specially designed as a small form factor
memory product for storage of data and as a boot media. The performance is optimized for low power
consumption. The utilization of pSLC NAND technology targets higher demanding and write intensive industrial
applications, which is supported by the industrial temperature grade specification.
The eMMC controller directly manages NAND flash, including ECC, wear-leveling, IOPS optimization and read
sensing. The EM-26 firmware features support high throughput for large data transfers and performance for
small random data more commonly found in code usage. It also contains several security features as well as
multiple boot partitions. For read intensive applications the EM-26 uses advanced refresh features for
retention optimization.
eMMC communication is based on an advanced 11-signal bus. The communication protocol is defined as a part
of the JEDEC eMMC standard and referred to as the eMMC mode.




Similar Part No. - EM-26

ManufacturerPart #DatasheetDescription
logo
Knowles Electronics
EM-26091-C36 KNOWLES-EM-26091-C36 Datasheet
136Kb / 2P
MICROPHONE
EM-26334-C53 KNOWLES-EM-26334-C53 Datasheet
127Kb / 2P
MICROPHONE
EM-26371-C68 KNOWLES-EM-26371-C68 Datasheet
133Kb / 2P
MICROPHONE
EM-26425-C79 KNOWLES-EM-26425-C79 Datasheet
68Kb / 1P
MICROPHONE PAIR
EM-26505-C56 KNOWLES-EM-26505-C56 Datasheet
123Kb / 2P
MICROPHONE
More results


Similar Description - EM-26

ManufacturerPart #DatasheetDescription
logo
Winbond
W86L388D WINBOND-W86L388D Datasheet
386Kb / 28P
W86L388D Winbond Host Interface SD/MMC Memory Card Bridge
W86L488 WINBOND-W86L488 Datasheet
1Mb / 45P
SD/ SDIO/ MMC MEMORY CARD BRIDGE
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L Datasheet
376Kb / 20P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
logo
Actel Corporation
EP550 ACTEL-EP550 Datasheet
120Kb / 3P
EP550 SDIO/SD Memory/MMC Host Controller
logo
Texas Instruments
SN74AVCA406L TI-SN74AVCA406L_1 Datasheet
563Kb / 22P
MMC, SD CARD, Memory Stick??VOLTAGE-TRANSLATION TRANSCEIVER
logo
Micron Technology
MTFC4GMVEA-4MIT MICRON-MTFC4GMVEA-4MIT Datasheet
479Kb / 24P
4GB, 8GB, 16GB, 32GB, 64GB e MMC
logo
Taiwan Memory Technolog...
I5141-TG TMT-I5141-TG Datasheet
789Kb / 20P
SD/MMC Memory Card Controller
logo
Toshiba Semiconductor
THGBMHG6C1LBAIL TOSHIBA-THGBMHG6C1LBAIL Datasheet
1Mb / 33P
TOSHIBA e-MMC Module
1.0
THGBMFG6C1LBAIL TOSHIBA-THGBMFG6C1LBAIL Datasheet
1Mb / 33P
e MMC Module
THGBMNG5D1LBAIL TOSHIBA-THGBMNG5D1LBAIL Datasheet
1Mb / 33P
e-MMC Module
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com