Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NCA9306DP Datasheet (PDF) - Nexperia B.V. All rights reserved

NCA9306DP Datasheet PDF - Nexperia B.V. All rights reserved
Part # NCA9306DP
Download  NCA9306DP Download
File Size   251.23 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit bidirectional multi-voltage level translator; open-drain

NCA9306DP Datasheet (PDF)

Go To PDF Page Download Datasheet
NCA9306DP Datasheet PDF - Nexperia B.V. All rights reserved

Part # NCA9306DP
Download  NCA9306DP Click to download

File Size   251.23 Kbytes
Page   15 Pages
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved
Description 2-bit bidirectional multi-voltage level translator; open-drain

NCA9306DP Datasheet (HTML) - Nexperia B.V. All rights reserved


NCA9306DP Product details

General description
The NCA9306 is a 2 channel bidirectional I²C and SMBus multi-voltage level translator with an
enable (EN) pin input. It allows voltage translation between 0.95 V and 5 V without the use of a
direction pin. It supports up to 100 MHz up translation and >100 MHz down translation at ≤ 30 pF
capacitive load. There is no need for a direction pin which minimizes the system effort. The
NCA9306 supports 5 V tolerant I/O pins to support mixed mode signal operation. The ability to set
up different voltage translation levels on each channel makes the device very flexible and suitable
for a lot of different applications.
The low ON-state resistance RON of the switch allows connections to be made with minimal
propagation delay. When EN is HIGH, the translator switch is on, and the SCLA and SDAA I/O are
connected to the SCLB and SDAB I/O respectively, allowing bidirectional data flow between ports.
When EN is LOW, the translator switch is off, and a high-impedance state exists between ports. As
with the standard I²C bus-system, pull-up resistors are required to provide the logic HIGH levels on
the translators bus. The NCA9306 has a standard open-drain configuration of the I²C-bus. The size
of these pull-up resistors depend on the system. Each side of the translator must have a pull-up
resistors. NCA9306 is designed to work with Standard-mode, Fast-mode and Fast-mode plus
I²C bus devices in addition to the SMBus devices.
When the SDAA or SDAB pin is LOW, the clamp is in the ON-state and a low resistance
connections exists between the SDAA and SDAB ports. Assuming the higher voltage is on the
SDAB port when the SDAB port is HIGH, the voltage on the SDAA port is limited to the voltage set
by refA. When the SDAA port is HIGH, the SDAB port is pulled to the refB supply voltage by the
pull-up resistors. The SCLA or SCLB pins also follows the same behavior as described for SDAA or
SDAB pins.
Features and benefits
• 2-channel bidirectional voltage translator for SDA and SCL lines in mixed mode I²C bus
applications
• Open-drain I²C-bus I/O ports (SCLA, SDAA, SCLB and SDAB)
• Provides bidirectional voltage translation with no direction pin
• High-impedance SCLA, SDAA, SCLB and SDAB for EN = LOW
• Up translation
• < 100 MHz; CL = 30 pF
• < 40 MHz; CL = 50 pF
• Down translation
• > 100 MHz; CL = 30 pF
• < 40 MHz; CL = 50 pF
• Hot insertion
• Bidirectional voltage level translation between:
• 0.95 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.2 V and 1.8 V, 2.5 V, 3.3 V and 5.0 V
• 1.8 V and 2.5 V, 3.3 V and 5.0 V
• 2.5 V and 3.3 V and 5.0 V
• 3.3 V and 5.0 V
• Low standby current
• 5 V tolerant I²C-bus I/O pins to support mixed mode signal operation
Low RON provides less signal distortion
Latch-up performance exceeds 100 mA per JESD78 class II level A
ESD protection:
• HBM ANSI/ESDA/JEDEC JS-001 Class 2 exceeds 2000 V
• CDM ANSI/ESDA/JEDEC JS-002 Class C3 exceeds 1000 V
Specified from -40 °C to +125 °C
Applications
• GPIO, MDIO, PMBus, SMBus, SDIO, UART, I²C, and other interfaces in Telecom infrastructure
• Industrial
• Personal computing
• Router and Industrial Automation




Similar Part No. - NCA9306DP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
NCA9306DP NEXPERIA-NCA9306DP Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
More results


Similar Description - NCA9306DP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102 Datasheet
261Kb / 13P
2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN APPLICATIONS
logo
Nexperia B.V. All right...
LSF0101-Q100 NEXPERIA-LSF0101-Q100 Datasheet
198Kb / 11P
1-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 3 October 2022
LSF0102-Q100 NEXPERIA-LSF0102-Q100 Datasheet
211Kb / 12P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 4 September 2020
LSF0204-Q100 NEXPERIA-LSF0204-Q100 Datasheet
240Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 2 May 2022
NCA9306-Q100 NEXPERIA-NCA9306-Q100 Datasheet
200Kb / 11P
2-bit bidirectional multi-voltage level translator; open-drain;push-pull
Rev. 1 - 11 February 2022
LSF0108-Q100 NEXPERIA-LSF0108-Q100 Datasheet
215Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 30 July 2020
LSF0102 NEXPERIA-LSF0102 Datasheet
240Kb / 15P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 3 - 4 September 2020
NCA9306 NEXPERIA-NCA9306 Datasheet
234Kb / 14P
2-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 26 November 2021
LSF0108 NEXPERIA-LSF0108 Datasheet
204Kb / 12P
8-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 1 - 18 September 2019
LSF0204 NEXPERIA-LSF0204 Datasheet
244Kb / 14P
4-bit bidirectional multi-voltage level translator; open-drain; push-pull
Rev. 2 - 28 October 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com