Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ALZ11B09W Datasheet (PDF) - Panasonic Semiconductor

ALZ11B09W Datasheet PDF - Panasonic Semiconductor
Part # ALZ11B09W
Download  ALZ11B09W Download
File Size   213.72 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low profile: 15.7 mm, 1 Form A/1 Form C 16 A, Power relay

ALZ11B09W Datasheet (PDF)

Go To PDF Page Download Datasheet
ALZ11B09W Datasheet PDF - Panasonic Semiconductor

Part # ALZ11B09W
Download  ALZ11B09W Click to download

File Size   213.72 Kbytes
Page   9 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Low profile: 15.7 mm, 1 Form A/1 Form C 16 A, Power relay

ALZ11B09W Datasheet (HTML) - Panasonic Semiconductor


ALZ11B09W Product details

FEATURES
●Low profile type with height of 15.7 mm
●Superior heat resistance and tracking
resistance
( 1 ) Can be used in ambient temperatures
up to 85 ℃ ( for the Class B ) and 105 ℃
( for the Class F )
(2) EN60335-1 GWT compliant ( Tested by VDE )

TYPICAL APPLICATIONS
●Household electrical appliances
●Office equipment
●Industrial equipment




Similar Part No. - ALZ11B09W

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ALZ11B09W PANASONIC-ALZ11B09W Datasheet
74Kb / 4P
Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
ALZ11B09W PANASONIC-ALZ11B09W Datasheet
423Kb / 7P
Low profile: 15.7mm height 1a/1c 16A power relay
2019.06
More results


Similar Description - ALZ11B09W

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111 Datasheet
208Kb / 5P
Dual 1 Form ADual 1 Form A Solid State Relay
AD4C113 SSOUSA-AD4C113 Datasheet
220Kb / 6P
1 Form A/1 Form B Solid State Relay
AD4C213 SSOUSA-AD4C213 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
AD4C333 SSOUSA-AD4C333 Datasheet
175Kb / 5P
1 Form A/1 Form B Solid State Relay
logo
Nais(Matsushita Electri...
ALD14H NAIS-ALD14H Datasheet
49Kb / 3P
1 Form A Slim Power Relay
logo
Vishay Siliconix
LH1540AAB VISHAY-LH1540AAB Datasheet
210Kb / 9P
1 Form A Solid State Relay
26-Oct-04
logo
Panasonic Semiconductor
ALQ112 PANASONIC-ALQ112 Datasheet
92Kb / 6P
1 Form A/1 Form C 10A Small power relays
logo
List of Unclassifed Man...
SMRR1-5-150C ETC2-SMRR1-5-150C Datasheet
2Mb / 3P
REED RELAY, 1 FORM A
logo
TE Connectivity Ltd
ORWH TEC-ORWH Datasheet
463Kb / 3P
Compact relay with 1 Form A and 1 Form C contact arrangement
SNR TEC-SNR_15 Datasheet
258Kb / 3P
1 pole 6A, 1 form C (CO), 1 form A (NO)
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com