Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BATT-6EMULATOR Datasheet (PDF) - NXP Semiconductors

BATT-6EMULATOR Datasheet PDF - NXP Semiconductors
Part # BATT-6EMULATOR
Download  BATT-6EMULATOR Download
File Size   1985.77 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NXP Semiconductors

BATT-6EMULATOR Datasheet (PDF)

Go To PDF Page Download Datasheet
BATT-6EMULATOR Datasheet PDF - NXP Semiconductors

Part # BATT-6EMULATOR
Download  BATT-6EMULATOR Click to download

File Size   1985.77 Kbytes
Page   15 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description NXP Semiconductors

BATT-6EMULATOR Datasheet (HTML) - NXP Semiconductors


BATT-6EMULATOR Product details

Board features
The main features of FRDM33772CSPEVB are:
• Standard SPI communication
• LED indicator for operation mode
• Cell-balancing resistors
• Cell sense input with RC filter
• General-purpose input/output (GPIO): digital I/O, wake-up inputs, convert trigger inputs,
ratiometric analog inputs, analog inputs with absolute measurements
• EEPROM (connected to the IC with I2C-bus interface) to store user-defined calibration
parameters
• Fault detection pin report
• Current measurement input via external shunt
Device features
The MC33772C is a battery cell controller IC designed to monitor battery characteristics,
such as voltage, current, and temperature. The MC33772C contains all the circuit blocks
necessary to measure synchronous battery cell voltage/current, coulomb counting,
cell temperature measurement, and integrated cell balancing. The device supports the
following functions:
Board description
The FRDM33772CSPEVB allows the user to exercise all the functions of the MC33772C
battery controller cell.
It is stacked onto an S32K144EVB. SPI communication is done through connector K1
to K6. The FRDM33772CSPEVB is supplied when connected to a battery cell stack
through connector J12. The S32K144EVB is supplied through its USB connection when
connected to a PC.
The VCOM LED indicates when the device is in normal mode. Upon reset, the
MC33772C enters init mode (VCOM turns on). If there is no activity on the bus after a
timeout period of 60 s, the device enters low-power idle mode (VCOM turns off). Once
the device is initialized, if no communication occurs on the transformer physical layer
(TPL) bus after 1 s, the device resets, and the LED turns off after the 60 s timeout period
(VCOM off).




Similar Part No. - BATT-6EMULATOR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BATT-14AAAPACK NXP-BATT-14AAAPACK Datasheet
850Kb / 16P
Configurable AAA Battery Pack
Rev. 1.0, 10/2015
BATT-14AAAPACK NXP-BATT-14AAAPACK Datasheet
451Kb / 7P
NXP Communicator
BATT-14CEMULATOR NXP-BATT-14CEMULATOR Datasheet
1Mb / 18P
Battery Management System (BMS) with MPC5775B-EVB and RD33771CDSTEVB
REV 0
BATT-14CEMULATOR NXP-BATT-14CEMULATOR Datasheet
2Mb / 18P
RD33775ACNCEVB
Rev. 2 - 25 August 2022
BATT-14CEMULATOR NXP-BATT-14CEMULATOR Datasheet
3Mb / 13P
Hardware user manual
25 August 2022
More results


Similar Description - BATT-6EMULATOR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAT54 PHILIPS-BAT54 Datasheet
52Kb / 8P
DISCRETE SEMICONDUCTORS
2002 Mar 04
logo
Vishay Siliconix
TLMP3101 VISHAY-TLMP3101 Datasheet
306Kb / 10P
Vishay Semiconductors
31-Aug-04
VEMD6010X01 VISHAY-VEMD6010X01 Datasheet
159Kb / 7P
Vishay Semiconductors
03-Jul-15
logo
American Microsemicondu...
3N201 AMMSEMI-3N201 Datasheet
116Kb / 1P
Discrete Semiconductors
3N203 AMMSEMI-3N203 Datasheet
116Kb / 1P
Discrete Semiconductors
3N206 AMMSEMI-3N206 Datasheet
116Kb / 1P
Discrete Semiconductors
BF804 AMMSEMI-BF804 Datasheet
116Kb / 1P
Discrete Semiconductors
BF806 AMMSEMI-BF806 Datasheet
116Kb / 1P
Discrete Semiconductors
logo
List of Unclassifed Man...
1-800-543-4330 ETC2-1-800-543-4330 Datasheet
2Mb / 31P
SEMICONDUCTORS
STK413-220A ETC1-STK413-220A Datasheet
2Mb / 31P
SEMICONDUCTORS
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com