Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

018-0401 Datasheet (PDF) - Multicomp Pro

018-0401 Datasheet PDF - Multicomp Pro
Part # 018-0401
Download  018-0401 Download
File Size   451.48 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Moisture Barrier Bag_ANT018MBB

018-0401 Datasheet (PDF)

Go To PDF Page Download Datasheet
018-0401 Datasheet PDF - Multicomp Pro

Part # 018-0401
Download  018-0401 Click to download

File Size   451.48 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Moisture Barrier Bag_ANT018MBB

018-0401 Datasheet (HTML) - Multicomp Pro


018-0401 Product details

[Features]
• Protects electronics from moisture and static damage
• Opaque and light tight ensuring the inside item can not
been seen from outside
• Firm lamination and hot sealing offers superior resistance
of vapour and oxygen
• Surface resistance of 108-1011Ω
• Applicable to pack electronic products which are sensitive
to moisture and static, such as PC board, IC integrated
circuit, CD drivers, HD etc.
• Flexible structure & easy to vacuum seal
Additional Notes:
We recommend that all of our moisture barrier bags be used
within 2 years from the date of manufacture. Store this product
in its original packaging in a climate-controlled environment
where temperature ranges from 21°C -23°C and relative
humidity is 45 - 50%.
Standard Construction:
Our moisture barrier bags are constructed in 3 layers. The bag features an anti
static metallized polyester outer layer and an anti static inner layer. In between
are layers of polyethylene, nylon and an aluminium foil shield.
Bag Opening
Configuration(s):
Bags are offered in a 3-seal configuration, with our standard flexographically
printed artwork.
Bottom Fold or 3rd Seal
Standard Bag Artwork:
Our moisture barrier bags are produced with the following sample artwork as
standard. For further information on bespoke/printed orders, please contact one
of our sales team. Please note there is a MOQ of 20,000 bags on all printed bags.
Note: All of our moisture barrier bags are batch coded for QC traceability.




Similar Part No. - 018-0401

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
018-0400 MULTICOMP-018-0400 Datasheet
217Kb / 2P
Moisture Barrier Bag
14/07/22
018-0402 MULTICOMP-018-0402 Datasheet
218Kb / 2P
Moisture Barrier Bag
15/07/22
018-0403 MULTICOMP-018-0403 Datasheet
218Kb / 2P
Moisture Barrier Bag
15/07/22
More results


Similar Description - 018-0401

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MO100 EXTECH-MO100 Datasheet
104Kb / 1P
Moisture Detector
MO210 EXTECH-MO210 Datasheet
96Kb / 4P
Moisture Meter
MO220 EXTECH-MO220 Datasheet
189Kb / 15P
Moisture Meter
MO250 EXTECH-MO250 Datasheet
107Kb / 6P
Moisture Meter
logo
3M Electronics
70068 3M-70068 Datasheet
70Kb / 3P
MOISTURE BARRIER BAG, ALUMINIZED
logo
List of Unclassifed Man...
13868 ETC2-13868 Datasheet
422Kb / 7P
Statshield Moisture Barrier Bags Application Instructions
logo
3M Electronics
70035 3M-70035 Datasheet
261Kb / 2P
3M Moisture Barrier Bag Dri-Shield 2000
logo
Extech Instruments Corp...
MO100 EXTECH-MO100_15 Datasheet
175Kb / 1P
Moisture Meter
MO230 EXTECH-MO230 Datasheet
190Kb / 1P
Pocket Moisture Meter
logo
ZF Friedrichshafen AG
E72 ZFSWITCHES-E72 Datasheet
2Mb / 2P
Moisture resistant
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com