Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

068-0018F Datasheet (PDF) - Multicomp Pro

068-0018F Datasheet PDF - Multicomp Pro
Part # 068-0018F
Download  068-0018F Download
File Size   138.73 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Toe Grounder – Adjustable

068-0018F Datasheet (PDF)

Go To PDF Page Download Datasheet
068-0018F Datasheet PDF - Multicomp Pro

Part # 068-0018F
Download  068-0018F Click to download

File Size   138.73 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Toe Grounder – Adjustable

068-0018F Datasheet (HTML) - Multicomp Pro


068-0018F Product details

[Features]
• Sold as a pair
• Fastening with stretch (elastic) back
• Adjustable hook and loop to fit various shoe sizes
• Double layer conductive rubber cup (3.5mm × 19cm)
• Outer conductive surface (red): 10^3Ω to 10^4Ω
• Inner anti-static surface (ivory): 10^8Ω to 10^9Ω
• Conductive tab (Grey): 10^3Ω to 10^4Ω
• Each toe grounder with one built in 1Meg resistor




Similar Part No. - 068-0018F

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
068-0019 MULTICOMP-068-0019 Datasheet
179Kb / 1P
Disposable Heel Grounder Dispenser
07/09/22
More results


Similar Description - 068-0018F

ManufacturerPart #DatasheetDescription
logo
Calogic, LLC
TL431 CALOGIC-TL431 Datasheet
65Kb / 6P
Precision Adjustable Precision Adjustable
logo
Solid States Devices, I...
SVR333J SSDI-SVR333J Datasheet
134Kb / 3P
NEGATIVE ADJUSTABLE NEGATIVE ADJUSTABLE
logo
3M Electronics
2044 3M-2044 Datasheet
139Kb / 2P
Economy Heel Grounder 2044
logo
List of Unclassifed Man...
07502 ETC2-07502 Datasheet
76Kb / 1P
SOLE GROUNDER
17272 ETC2-17272 Datasheet
225Kb / 1P
Full Coverage Non-Marring Foot Grounder
9-32-R ETC2-9-32-R Datasheet
2Mb / 3P
FIXED ADJUSTABLE
logo
Unisonic Technologies
P2680L-SH2-R UTC-P2680L-SH2-R Datasheet
156Kb / 5P
Output Adjustable
logo
ASM GmbH
IR-TC ASM-SENSOR-IR-TC Datasheet
477Kb / 12P
Adjustable
logo
ON Semiconductor
NCV47710 ONSEMI-NCV47710_17 Datasheet
129Kb / 12P
Adjustable LDO Adjustable Current Limit
July, 2017 ??Rev. 2
NCV47721 ONSEMI-NCV47721 Datasheet
152Kb / 16P
Adjustable LDO with Adjustable Current Limit
April, 2017 ??Rev. 1
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com