Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

082-0320 Datasheet (PDF) - Multicomp Pro

082-0320 Datasheet PDF - Multicomp Pro
Part # 082-0320
Download  082-0320 Download
File Size   206.01 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting 3 Layer, Smooth Finish

082-0320 Datasheet (PDF)

Go To PDF Page Download Datasheet
082-0320 Datasheet PDF - Multicomp Pro

Part # 082-0320
Download  082-0320 Click to download

File Size   206.01 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description ESD Bench Matting 3 Layer, Smooth Finish

082-0320 Datasheet (HTML) - Multicomp Pro


082-0320 Product details

[Description]
Anti-static matting should be laid out in the workshops or advanced laboratories for microelectronic industries such as electronic
semi conduct devices, electronic computers, electronic communication equipment and integrated circuits etc.

[Features]
• Great value ESD Bench Matting made from anti-static (conductive) and static-dissipative materials with synthetic rubber
• All bench mats come with 10mm studs in each corner
3 layer
• 3mm thick double-layer structure
• Surface layer is a 1.25mm thick static-dissipative layer
• Middle layer is a 0.5mm conductive layer
3 Layer Construction
Static Dissipative Layer
Conductive Layer
Static Dissipative Layer
Grounding
Sufficient ground cords should be used to reliably meet EN 61340-5-1 Table 3 less than 1 x 109 ohms for working surfaces.
Industry recommendation is that continuous runs of ESD matting should be grounded at 10ft intervals to allow proper charge
decay rates. Each individual ESD mat should be grounded with ground snaps located no further than five feet from either end.
Cleaning
Please note that contact between the matting surface and any acid or alkali solvent is strictly prohibited (such as Benzene,
Alcohol etc), this will result in the antistatic performance wearing away. If cleaning is required, the matting may be wiped with a
cloth coated in a neutral solution (such as water).
Guidance on use
Matting materials have a tendency to shrink slightly when first unrolled. In applications where length is critical, allow the material
to relax for at least 4 hours before cutting to size. Matting should always be trimmed with a sharp knife or razor blade.
Cutting tolerances
Width + 6mm
Length + 6mm every linear foot of running material




Similar Part No. - 082-0320

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
082-0322 MULTICOMP-082-0322 Datasheet
281Kb / 2P
ESD Bench Matting Textured - Blue and Grey
23/09/22
082-0322F MULTICOMP-082-0322F Datasheet
281Kb / 2P
ESD Bench Matting Textured - Blue and Grey
23/09/22
082-0323 MULTICOMP-082-0323 Datasheet
281Kb / 2P
ESD Bench Matting Textured - Blue and Grey
23/09/22
082-0323F MULTICOMP-082-0323F Datasheet
281Kb / 2P
ESD Bench Matting Textured - Blue and Grey
23/09/22
More results


Similar Description - 082-0320

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
3-port physical layer interface
1999 Jul 09
logo
Pomona Electronics
7283 POMONA-7283 Datasheet
123Kb / 1P
3-Pin In-Line XLR, Silver Contacts, Nickel Finish
logo
New Jersey Semi-Conduct...
1N5758 NJSEMI-1N5758 Datasheet
114Kb / 1P
SILICON 3-LAYER BILATERAL TRIGGERS
logo
Glenair, Inc.
107_098 GLENAIR-107_098 Datasheet
63Kb / 1P
ArmorLite Single-Layer ESD Grounding Strap
logo
CUI INC
HSS-B20-05 CUI-HSS-B20-05 Datasheet
279Kb / 3P
black anodized finish
HSS-B20-0508H-01 CUI-HSS-B20-0508H-01 Datasheet
353Kb / 3P
black anodized finish
HSS-B20-NP-11 CUI-HSS-B20-NP-11 Datasheet
266Kb / 3P
black anodized finish
HSS-B20-NPX-02 CUI-HSS-B20-NPX-02 Datasheet
283Kb / 3P
black anodized finish
logo
3M Electronics
3200 3M-3200 Datasheet
22Kb / 4P
Safety-Walk™ Wet Area Matting 3200
2001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com