Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

4GBJ1006F Datasheet (PDF) - Multicomp Pro

4GBJ1006F Datasheet PDF - Multicomp Pro
Part # 4GBJ1006F
Download  4GBJ1006F Download
File Size   325.93 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Low VF Glass Passivated Bridge Rectifier

4GBJ1006F Datasheet (PDF)

Go To PDF Page Download Datasheet
4GBJ1006F Datasheet PDF - Multicomp Pro

Part # 4GBJ1006F
Download  4GBJ1006F Click to download

File Size   325.93 Kbytes
Page   3 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Low VF Glass Passivated Bridge Rectifier

4GBJ1006F Datasheet (HTML) - Multicomp Pro


4GBJ1006F Product details

[Features]
• Rating 600V PRV
• Ideal for printed circuit board
• Low forward voltage drop, high current capability
• Reliable low cost construction utilizing molded plastic technique results in
inexpensive product
• The plastic material has UL flammability classification 94V-0
Maximum Ratings And Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristic Symbol Values Unit
Maximum Recurrent Peak Reverse Voltage Vrrm 600
Maximum RMS Voltage Vrms 420 V
Maximum DC Blocking Voltage Vdc 600
Maximum Average Forward (with heatsink Note 2) 10
I(AV)
Rectified Current @ Tc = 110°C (without heatsink) 3
Peak Forward Surge Current A
8.3ms Single Half Sine-Wave Ifsm 210
Super Imposed on Rated Load (JEDEC Method)
Maximum Forward Voltage at 5A DC Vf 0.95 V
Maximum DC Reverse Current @ Tj = 25°C 10
Ir μA
at Rated DC Blocking Voltage @ Tj = 125°C 500
I2t Rating for Fusing (t<8.3ms) I2t 120 A2s
Typical Junction Capacitance Per Element (Note1) Cj 55 pF
Operating Temperature Range Tj
-55 to +150 °C
Storage Temperature Range TsTg




Similar Part No. - 4GBJ1006F

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
4GBJ1006L DGNJDZ-4GBJ1006L Datasheet
154Kb / 2P
LOW VF SINGLE PHASE 10A GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - 4GBJ1006F

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
GBU406F HY-GBU406F_17 Datasheet
177Kb / 3P
LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
GBU2506F HY-GBU2506F_17 Datasheet
164Kb / 3P
LOW VF GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Zibo Seno Electronic En...
GBU8005L ZSELEC-GBU8005L Datasheet
86Kb / 2P
8.0A LOW VF GLASS PASSIVATED BRIDGE RECTIFIER
GBU15005F ZSELEC-GBU15005F Datasheet
73Kb / 2P
15 A LOW VF GLASS PASSIVATED BRIDGE RECTIFIER
logo
HY ELECTRONIC CORP.
4GBJ406U HY-4GBJ406U_V01 Datasheet
442Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
4GBJ1006U HY-4GBJ1006U_V01 Datasheet
442Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
D6KB6U HY-D6KB6U_V01 Datasheet
456Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
GBU606U HY-GBU606U_V01 Datasheet
438Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
GBU806U HY-GBU806U_V01 Datasheet
416Kb / 3P
Low VF Glass Passivated Bridge Rectifiers
logo
Pan Jit International I...
GBJ2508LV PANJIT-GBJ2508LV Datasheet
257Kb / 5P
Glass Passivated Low VF Bridge Rectifier
REV.00 June 15,2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com