Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC2936 Datasheet (PDF) - Analog Devices

LTC2936 Datasheet PDF - Analog Devices
Part # LTC2936
Download  LTC2936 Download
File Size   285.55 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Hex Voltage Supervisor with EEPROM and Comparator Outputs

LTC2936 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC2936 Datasheet PDF - Analog Devices

Part # LTC2936
Download  LTC2936 Click to download

File Size   285.55 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Programmable Hex Voltage Supervisor with EEPROM and Comparator Outputs

LTC2936 Datasheet (HTML) - Analog Devices


LTC2936 Product details

Features
Supervises 6 Power Supplies
I2C Adjustable UV and OV Trip Points
Guaranteed Threshold Accuracy: ±1% (Maximum)
I2C/SMBus Interface
Internal EEPROM
Six Comparator Outputs
Fast Comparator Response Time: 7.5μs
256 Programmable Thresholds per Chael
Three Range Settings per Chael
Two General Purpose Inputs
Three General Purpose Inputs/Outputs
Programmable Output Delays
Can Be Powered from 3.3V, or 3.4V to 13.9V
24-Pin 4mm × 5mm QFN and SSOP Packages




Similar Part No. - LTC2936

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2936 LINER-LTC2936 Datasheet
1Mb / 20P
Supervise Six Power Supplies
LTC2936 LINER-LTC2936_15 Datasheet
278Kb / 30P
Programmable Hex Voltage Supervisor with EEPROM and Comparator Outputs
More results


Similar Description - LTC2936

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT13008 CATALYST-CAT13008 Datasheet
298Kb / 14P
Voltage Supervisor with Microwire Serial CMOS EEPROM
CAT14004 CATALYST-CAT14004 Datasheet
797Kb / 14P
Voltage Supervisor with I2C Serial CMOS EEPROM
logo
ON Semiconductor
CAT13001 ONSEMI-CAT13001 Datasheet
164Kb / 14P
Voltage Supervisor with Microwire Serial CMOS EEPROM
Doc. No. MD-1121 Rev. B
CAT14002 ONSEMI-CAT14002 Datasheet
750Kb / 14P
Voltage Supervisor with I2C Serial CMOS EEPROM
Doc. No. MD-1117 Rev. B
logo
Linear Technology
LTC2933 LINER-LTC2933_15 Datasheet
268Kb / 32P
Programmable Hex Voltage Supervisor with EEPROM
LTC2936 LINER-LTC2936_15 Datasheet
278Kb / 30P
Programmable Hex Voltage Supervisor with EEPROM and Comparator Outputs
LTC2937 LINER-LTC2937 Datasheet
4Mb / 24P
Programmable Six Channel Sequencer and Voltage Supervisor with EEPROM
logo
Texas Instruments
LP3470 TI1-LP3470 Datasheet
1Mb / 22P
Voltage Supervisor With Programmable Delay
logo
Linear Technology
LTC2933 LINER-LTC2933 Datasheet
1Mb / 20P
Programmable Hex Voltage Supervisor Featuring
logo
Microchip Technology
MIC826 MICROCHIP-MIC826 Datasheet
1Mb / 22P
Voltage Supervisor with Watchdog Timer, Manual Reset, and Dual Outputs
Rev.A. April 2022
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com