| Manufacturer | Part # | Datasheet | Description |
 NXP Semiconductors |
LPC408X-7X
|
2Mb / 123P |
32-bit ARM Cortex-M4 MCU;
Rev. 1-17 September 2012 |
|
LPC1823JBD144E
|
2Mb / 147P |
32-bit ARM Cortex-M3 MCU; up to 1 MB flash and 136 kB
Rev. 4-31 October 2012 |
|
LPC4367JET100E
|
2Mb / 156P |
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.2-14 March 2016 |
|
LPC5411X
|
2Mb / 105P |
32-bit ARM Cortex-M4/M0 MCU
Rev. 2.1-9 May 2018 |
 STMicroelectronics |
STM32G071C8
|
2Mb / 133P |
Arm Cortex-M0 32-bit MCU, up to 128 KB Flash, 36 KB RAM
March 2020 Rev 3 |
 NXP Semiconductors |
LPC435X
|
7Mb / 162P |
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
|
|
LPC111XLV
|
1Mb / 53P |
32-bit ARM Cortex-M0 MCU; up to 32 kB flash, 8 kB SRAM; 8-bit ADC
Rev. 2-10 October 2012 |
|
LPC436X
|
6Mb / 156P |
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC
Rev. 1.3-10 January 2020 |
|
LPC43S6X
|
6Mb / 156P |
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 154 kB SRAM; Ethernet, two High-speed USB, LCD, EMC, AES engine
Rev. 1.3-13 January 2020 |
|
LPC43S5X
|
7Mb / 157P |
32-bit ARM Cortex-M4/M0 MCU; up to 1 MB flash and 136 kB SRAM; Ethernet, 2 x USB, LCD, EMC, AES engine
Rev. 1.3-13 January2020 |