Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC33HB2000EK Datasheet (PDF) - NXP Semiconductors

MC33HB2000EK Datasheet PDF - NXP Semiconductors
Part # MC33HB2000EK
Download  MC33HB2000EK Download
File Size   3248.6 Kbytes
Page   55 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SPI programmable brushed DC motor driver

MC33HB2000EK Datasheet (PDF)

Go To PDF Page Download Datasheet
MC33HB2000EK Datasheet PDF - NXP Semiconductors

Part # MC33HB2000EK
Download  MC33HB2000EK Click to download

File Size   3248.6 Kbytes
Page   55 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description SPI programmable brushed DC motor driver

MC33HB2000EK Datasheet (HTML) - NXP Semiconductors


MC33HB2000EK Product details

General description
The MC33HB2000 is a SMARTMOS monolithic H-Bridge Power IC, enhanced with SPI
configurability and diagnostic capabilities. It is designed primarily for DC motor or servo
motor control applications within the specified current and voltage limits.
The MC33HB2000 is able to control inductive loads with peak currents greater than 10 A.
The nominal continuous average load current is 3.0 A. A current mirror output provides
an analog feedback signal proportional to the load current.
This part is designed to specifically address the ISO 26262 safety requirements. It meets
the stringent requirements of automotive applications and is fully AEC-Q100 grade 1
qualified.
Features and benefits
• Advanced diagnostic reporting via a serial peripheral interface (SPI): charge pump
undervoltage, overvoltage, and undervoltage on VPWR, short to ground and short
to VPWR for each output, open load, temperature warning and overtemperature
shutdown
• Thermal management: Excellent thermal resistance of <1.0 °C/W between junction and
case (exposed pad)
• Eight selectable slew rates via the SPI: 0.25 V/μs to more than 16 V/μs for EMI and
thermal performance optimization
Applications
• Electronic throttle control
• Exhaust gas recirculation control (EGR)
• Turbo, swirl and whirl and waste flap control
• Electric pumps, motor control and auxiliaries




Similar Part No. - MC33HB2000EK

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MC33HB2000EK NXP-MC33HB2000EK Datasheet
284Kb / 2P
Motor Driver Product Selector
2015-2016
MC33HB2000EK NXP-MC33HB2000EK Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
More results


Similar Description - MC33HB2000EK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DRV8870 TI1-DRV8870_16 Datasheet
1Mb / 25P
Brushed DC Motor Driver
logo
NXP Semiconductors
MC33HB2001FK NXP-MC33HB2001FK Datasheet
2Mb / 48P
10 A H-Bridge, SPI programmable brushed DC motor driver
Rev. 6.0-3 May 2016
MC33HB2000 NXP-MC33HB2000 Datasheet
3Mb / 51P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 6.0 ??9 August 2018
MC33HB2001 NXP-MC33HB2001 Datasheet
2Mb / 48P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 9.0-9 August 2018
logo
Shenzhen Huazhimei Semi...
HM2570A HMSEMI-HM2570A Datasheet
1Mb / 10P
Single-channel brushed DC motor driver chip
logo
STMicroelectronics
STSPIN840 STMICROELECTRONICS-STSPIN840 Datasheet
720Kb / 28P
Compact dual brushed DC motor driver
Rev 1
logo
Toshiba Semiconductor
TB67H450FNG TOSHIBA-TB67H450FNG Datasheet
495Kb / 22P
PWM Chopper Type DC Brushed Motor Driver
3.0
logo
NXP Semiconductors
MC33HB2002 NXP-MC33HB2002 Datasheet
3Mb / 47P
10 A H-bridge, SPI programmable brushed DC motor driver
Rev. 5 ??17 April 2020
logo
STMicroelectronics
L9960 STMICROELECTRONICS-L9960 Datasheet
1Mb / 95P
Automotive Single/Dual H-Bridge, SPI programmable DC Brushed Motor Driver
02-Feb-2021
logo
Diodes Incorporated
ZXBM5408Q DIODES-ZXBM5408Q Datasheet
1Mb / 16P
BRUSHED DC MOTOR DRIVER WITH SERVO CONTROL
September 2022 Rev. 2 - 2
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com