Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TRD824FLAT Datasheet (PDF) - Infinite Electronics International, Inc.

TRD824FLAT Datasheet PDF - Infinite Electronics International, Inc.
Part # TRD824FLAT
Download  TRD824FLAT Download
File Size   79.74 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Category 8 25 to 40gig Flat Ethernet Cable Assembly

TRD824FLAT Datasheet (PDF)

Go To PDF Page Download Datasheet
TRD824FLAT Datasheet PDF - Infinite Electronics International, Inc.

Part # TRD824FLAT
Download  TRD824FLAT Click to download

File Size   79.74 Kbytes
Page   2 Pages
Manufacturer  L-COM [Infinite Electronics International, Inc.]
Direct Link  https://www.l-com.com/
Logo L-COM - Infinite Electronics International, Inc.
Description Category 8 25 to 40gig Flat Ethernet Cable Assembly

TRD824FLAT Datasheet (HTML) - Infinite Electronics International, Inc.


TRD824FLAT Product details

PHYSICAL CHARACTERISTICS:
•CABLE TYPE: CAT8 STP
•TEMPERATURE RATING:
• INSTALLATION: 0°C~50°C
• OPERATION: -20°C~60°C
•VOLTAGE RATING: 30V




Similar Part No. - TRD824FLAT

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
TRD824 L-COM-TRD824 Datasheet
106Kb / 2P
Category 8 25 to 40gig Ethernet Cable Assembly
02/18/22
TRD824-BLK-05F L-COM-TRD824-BLK-05F Datasheet
106Kb / 2P
Category 8 25 to 40gig Ethernet Cable Assembly
02/18/22
TRD824-BLK-10F L-COM-TRD824-BLK-10F Datasheet
106Kb / 2P
Category 8 25 to 40gig Ethernet Cable Assembly
02/18/22
TRD824-BLK-15F L-COM-TRD824-BLK-15F Datasheet
106Kb / 2P
Category 8 25 to 40gig Ethernet Cable Assembly
02/18/22
TRD824-BLK-1F L-COM-TRD824-BLK-1F Datasheet
106Kb / 2P
Category 8 25 to 40gig Ethernet Cable Assembly
02/18/22
More results


Similar Description - TRD824FLAT

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWG28-25-F-300 ASSMANN-AWG28-25-F-300 Datasheet
48Kb / 1P
Flat Ribbon Cable - 25 Conductors
AWG28-25-G-300 ASSMANN-AWG28-25-G-300 Datasheet
48Kb / 1P
Flat Ribbon Cable - 25 Conductors
logo
Bel Fuse Inc.
SS-39200-006 BEL-SS-39200-006 Datasheet
314Kb / 1P
8 X 8 CATEGORY 6 SHIELDED PLUG ASSEMBLY
SS-39200-007 BEL-SS-39200-007 Datasheet
276Kb / 1P
8 X 8 CATEGORY 6 SHIELDED PLUG ASSEMBLY
logo
Fair-Rite Products Corp...
0199016551 FAIR-RITE-0199016551 Datasheet
277Kb / 1P
Flat Cable Cores Assembly Clips
0199016051 FAIR-RITE-0199016051 Datasheet
277Kb / 1P
Flat Cable Cores Assembly Clips
logo
Belden Inc.
DIW25 BELDEN-DIW25 Datasheet
150Kb / 2P
Category 3 Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
DPLN25 BELDEN-DPLN25 Datasheet
174Kb / 2P
Category 3 Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25P BELDEN-IBDN25P Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMP
2022 Belden, Inc
IBDN25R BELDEN-IBDN25R Datasheet
168Kb / 2P
Category 5e Backbone Cable, 25 Pair, U/UTP, CMR
2022 Belden, Inc
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com