Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

41612-96ABC-FS Datasheet (PDF) - Multicomp Pro

41612-96ABC-FS Datasheet PDF - Multicomp Pro
Part # 41612-96ABC-FS
Download  41612-96ABC-FS Download
File Size   229.41 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 2.54mm Socket - DIN41612 Triple Row

41612-96ABC-FS Datasheet (PDF)

Go To PDF Page Download Datasheet
41612-96ABC-FS Datasheet PDF - Multicomp Pro

Part # 41612-96ABC-FS
Download  41612-96ABC-FS Click to download

File Size   229.41 Kbytes
Page   2 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description 2.54mm Socket - DIN41612 Triple Row

41612-96ABC-FS Datasheet (HTML) - Multicomp Pro


41612-96ABC-FS Product details

[Features]
Design for home appliances, aviation electronics,
automobile electronics and computer (PC) peripherals




Similar Part No. - 41612-96ABC-FS

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
41612-96ABC-FS MULTICOMP-41612-96ABC-FS Datasheet
396Kb / 2P
Socket
31/07/20
More results


Similar Description - 41612-96ABC-FS

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
PCN12A-10P-2.54DS HIROSE-PCN12A-10P-2.54DS Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
PCN13-10S-2.54DSA HIROSE-PCN13-10S-2.54DSA Datasheet
1Mb / 8P
Product Compliant to DIN41612/IEC603-2 Standard
logo
Yamaichi Electronics Co...
FNS12-06400-00BF YAMAICHI-FNS12-06400-00BF Datasheet
104Kb / 4P
DIN41612 - IDC Type Socket, 64 96 Leads / 33MIL (0.847mm), Hitachi Cable (150V, 105째C)
logo
Major League Electronic...
BSSH-1-T MAJOR-LEAGUE-BSSH-1-T Datasheet
90Kb / 1P
.100 cl Triple Row Board Stacker Socket Strip
BSSQ-1-T MAJOR-LEAGUE-BSSQ-1-T Datasheet
88Kb / 1P
.100 cl Triple Row Board Stacker Socket Strips
BSSQ-2-T MAJOR-LEAGUE-BSSQ-2-T Datasheet
423Kb / 1P
.079cl Triple Row Board Stacker Socket Strips
SSHR-1-T MAJOR-LEAGUE-SSHR-1-T Datasheet
91Kb / 1P
.100 cl Triple Row - Right Angle Socket Strips
SSHS-1-T MAJOR-LEAGUE-SSHS-1-T Datasheet
112Kb / 2P
.100 cl Triple Row Socket Strips - Straight
BSTC-2-T MAJOR-LEAGUE-BSTC-2-T Datasheet
103Kb / 1P
.079cl Triple Row - Custom Board Stacker Socket Strips
logo
Hirose Electric
PCN10 HIROSE-PCN10 Datasheet
2Mb / 37P
Comply with IEC603-2/DIN41612 standard
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com