Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THAT1206 Datasheet (PDF) - THAT Corporation All rights reserved.

THAT1206 Datasheet PDF - THAT Corporation All rights reserved.
Part # THAT1206
Download  THAT1206 Download
File Size   175.83 Kbytes
Page   12 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description InGenius High-CMRR Balanced Input Line Receiver ICs

THAT1206 Datasheet (PDF)

Go To PDF Page Download Datasheet
THAT1206 Datasheet PDF - THAT Corporation All rights reserved.

Part # THAT1206
Download  THAT1206 Click to download

File Size   175.83 Kbytes
Page   12 Pages
Manufacturer  THAT [THAT Corporation All rights reserved.]
Direct Link  https://thatcorp.com/
Logo THAT - THAT Corporation All rights reserved.
Description InGenius High-CMRR Balanced Input Line Receiver ICs

THAT1206 Datasheet (HTML) - THAT Corporation All rights reserved.


THAT1206 Product details

FEATURES
 High CMRR: typ. 90 dB at 60 Hz
 Extremely high common-mode input
impedance
 Maintains balance under real-world
conditions
 Transformer-like performance in an IC
 Excellent audio performance
 Wide bandwidth: typ. > 22 MHz
 High slew rate: typ. 12 V/us
 Low distortion: typ. 0.0005 % THD
 Low noise: typ. -107 dBu
 Several gains: 0 dB, -3 dB, & -6 dB
APPLICATIONS
 Balanced Audio Line Receivers
 Instrumentation Amplifiers
 Differential Amplifiers
 Transformer Front-End Replacements
 ADC Front-Ends
Description
The THAT 1200-series InGenius balanced line
receivers overcome a serious limitation of
conventional balanced input stages: poor common
mode rejection in real-world applications. While
conventional input stages measure well in the lab
and perform well on paper, they fail to live up to
their CMRR specs when fed from even slightly
unbalanced source impedances — a common
situation in almost any pro sound environment.
This is because conventional stages have low
common-mode input impedance, which interacts
with imbalances in source impedance to unbalance
common-mode signals, making them indistinguishable
from desired, balanced signals.
Developed by Bill Whitlock of Jensen
Transformers, the patented InGenius input
stage uses clever bootstrapping to raise its
common-mode input impedance into the megohm
range without the noise penalty from the
obvious solution of using high-valued resistors.
Like transformers, InGenius line receivers
maintain their high CMRR over a wide range of
source impedance imbalances — even when fed
from single-ended sources. But unlike transformers,
these wide bandwidth solid state devices
offer dc-coupling, low distortion, and
transparent sound in a small package at reasonable
cost.




Similar Part No. - THAT1206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1206 ETC1-THAT1206 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
More results


Similar Description - THAT1206

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
THAT1240 ETC-THAT1240 Datasheet
111Kb / 8P
Balanced Line Receiver ICs
THAT1420 ETC-THAT1420 Datasheet
120Kb / 8P
Balanced Line Drivers
logo
Mitsubishi Electric Sem...
M54654P MITSUBISHI-M54654P Datasheet
421Kb / 4P
QUADRUPLE LINE RECEIVER(BIPOLAR DIGITAL ICs)
logo
List of Unclassifed Man...
THAT1206 ETC1-THAT1206 Datasheet
157Kb / 10P
InGenius High-CMRR Balanced Input Line Receiver
logo
Toshiba Semiconductor
TLP2200 TOSHIBA-TLP2200_07 Datasheet
195Kb / 7P
High Speed Line Receiver
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2602 AVAGO-HCPL-2602 Datasheet
469Kb / 16P
High CMR Line Receiver Optocouplers Isolated line receiver
logo
Analog Devices
SSM2142SZ AD-SSM2142SZ Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
List of Unclassifed Man...
SI4706 ETC2-SI4706 Datasheet
817Kb / 15P
Introducing High-Performance FM RDS Data Receiver ICs
logo
Analog Devices
SSM2142 AD-SSM2142_15 Datasheet
676Kb / 8P
Balanced Line Driver
REV. C
logo
SHANGHAI BELLING CO., L...
BL6311B BELLING-BL6311B Datasheet
164Kb / 8P
Improved CMRR Eliminates Two Input Coupling Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com