Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX22513 Datasheet (PDF) - Analog Devices

MAX22513 Datasheet PDF - Analog Devices
Part # MAX22513
Download  MAX22513 Download
File Size   1261.81 Kbytes
Page   46 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Surge Protected Dual Driver IO-Link Device Transceiver with DC-DC

MAX22513 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX22513 Datasheet PDF - Analog Devices

Part # MAX22513
Download  MAX22513 Click to download

File Size   1261.81 Kbytes
Page   46 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Surge Protected Dual Driver IO-Link Device Transceiver with DC-DC

MAX22513 Datasheet (HTML) - Analog Devices


MAX22513 Product details

Benefits and Features
●●High Configurability and Integration Reduces SKU
•Configurable C/Q and DO/DI Drivers
•PNP, NPN, and Push-Pull Modes
•Individual Slew Rate Control for Drivers
•Selectable Driver Current Limit: 50mA to 250mA
•Control and Monitoring with I2C or SPI
•Half- and Full-Duplex SPI Modes
•Integrated High-Efficiency DC-DC Buck Regulator
•Selectable Switching Frequency
•921kHz (typ) or 1.229MHz (typ)
•300mA (max) Load
•Output Voltage from 2.5V to 12V
•Internal 5V and 3.3V Linear Regulators
•Accurate Oscillator for IO-Link Communication
●●Integrated Protection Enables Robust Systems
•Integrated ±1kV/500Ω Surge Protection
•Glitch Filters for Improved Burst Resilience
•Selectable Overcurrent Configuration
•Hot-Plug and Reverse Polarity Protection
•-40°C to +125°C Operating Temperature Range
●●Optimized for Small Sensor Designs
•Low Power Dissipation:
•2Ω (typ) On-Resistance for C/Q and DO/DI
Drivers
•Available in Two Tiny Packages:
•28-Pin TQFN-EP (3.5mm x 5.5mm)
•WLP (4.1mm x 2.1mm)




Similar Part No. - MAX22513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX22513 MAXIM-MAX22513 Datasheet
698Kb / 11P
IO-Link-Compliant Device Transceiver
Rev 0; 2/19
MAX22513 MAXIM-MAX22513 Datasheet
698Kb / 11P
IO-Link-Compliant Device Transceiver
Rev 0; 2/19
MAX22513EVKIT MAXIM-MAX22513EVKIT Datasheet
698Kb / 11P
IO-Link-Compliant Device Transceiver
Rev 0; 2/19
MAX22513EVKIT# MAXIM-MAX22513EVKIT# Datasheet
698Kb / 11P
IO-Link-Compliant Device Transceiver
Rev 0; 2/19
More results


Similar Description - MAX22513

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX14821 MAXIM-MAX14821 Datasheet
2Mb / 31P
IO-Link Device Transceiver
Rev 0; 8/11
MAX14820 MAXIM-MAX14820 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 4; 1/12
MAX14821 MAXIM-MAX14821_12 Datasheet
2Mb / 29P
IO-Link Device Transceiver
Rev 1; 2/12
MAX14826 MAXIM-MAX14826 Datasheet
1Mb / 32P
IO-Link Device Transceiver
Rev 0; 9/14
logo
Integrated Device Techn...
ZIOL2401 IDT-ZIOL2401 Datasheet
87Kb / 3P
Dual-Channel IO-Link HV Line Driver with Integrated DC/DC Converter
logo
Maxim Integrated Produc...
MAX14828EVKIT MAXIM-MAX14828EVKIT Datasheet
1Mb / 13P
IO-Link-Compliant Device Transceiver
Rev 0; 9/17
MAX14826EVKIT MAXIM-MAX14826EVKIT Datasheet
2Mb / 16P
IO-Link-Compliant Device Transceiver
Rev 0; 7/15
MAX14819EVKIT MAXIM-MAX14819EVKIT Datasheet
1Mb / 12P
IO-Link-Compliant Device Transceiver
Rev 3; 2/21
MAX14827 MAXIM-MAX14827_V01 Datasheet
923Kb / 41P
IO-Link Device Transceiver
2019
logo
Analog Devices
MAX22514 AD-MAX22514 Datasheet
1Mb / 45P
Surge Protected IO-Link Transceiver with DC-DC
Rev 1; 2/22
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com