Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DWG0014-M Datasheet (PDF) - DFROBOT

DWG0014-M Datasheet PDF - DFROBOT
Part # DWG0014-M
Download  DWG0014-M Download
File Size   39.99 Kbytes
Page   1 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Dimension(L x W x H): 160 * 32 mm/6.3 * 1.26 inches

DWG0014-M Datasheet (PDF)

Go To PDF Page Download Datasheet
DWG0014-M Datasheet PDF - DFROBOT

Part # DWG0014-M
Download  DWG0014-M Click to download

File Size   39.99 Kbytes
Page   1 Pages
Manufacturer  DFROBOT [DFROBOT]
Direct Link  https://www.dfrobot.com/
Logo DFROBOT - DFROBOT
Description Dimension(L x W x H): 160 * 32 mm/6.3 * 1.26 inches

DWG0014-M Datasheet (HTML) - DFROBOT


DWG0014-M Product details

APPLICATIONS
• Wire Diameter Reference(AWG):
8/10/12/14/16/18/20/22/24/26/28
• Via Design Reference(MM):
0.3/0.4/0.5/0.6/0.7/0.8/0.9/1.0/1.1/1.2/1.5
• Screw Hole Aperture Design Reference: M2/M2.5/M3/M4/M5/M6
• Resistor Package: 0402/0603/0805/1206/PR0603/1812/2512
• Capacitor Package:
0402/0603/0805/1206/1210/3216/6032/D60/F60
• PowerIC Package: SOT343/SOT23/SOT23-5/SOT23-
6/SO8/SOT89/SOT223
• Crystal Package: 3213/3215/5032/3225/49SMD
• Gravity Design Definition Standard
• Screen Printing Actual Size Reference




Similar Part No. - DWG0014-M

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
DWG-4548-23 FOX-DWG-4548-23 Datasheet
57Kb / 1P
HCMOS, CERAMIC, SMD, OSCILLATOR
logo
IXYS Corporation
DWGS04-018A IXYS-DWGS04-018A Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWGS04-018C IXYS-DWGS04-018C Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWGS04-01A IXYS-DWGS04-01A Datasheet
765Kb / 22P
Rectifier Diodes & FRED
DWGS04-025A IXYS-DWGS04-025A Datasheet
765Kb / 22P
Rectifier Diodes & FRED
More results


Similar Description - DWG0014-M

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
EH-C151KGKT EHAOAN-EH-C151KGKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 3.2 x 1.6 x 0.8 mm
EH-C191DS5 EHAOAN-EH-C191DS5 Datasheet
1Mb / 7P
·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191KRKT EHAOAN-EH-C191KRKT Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191PBKT EHAOAN-EH-C191PBKT Datasheet
1Mb / 10P
·Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191TBKT-5A EHAOAN-EH-C191TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C191UBKT EHAOAN-EH-C191UBKT Datasheet
1Mb / 8P
Dimension( L/W/H) : 1.6 x 0.8 x 0.6 mm
EH-C193TBKT-5A EHAOAN-EH-C193TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.6 x 0.8 x 0.4 mm
EH-C201TBKT-5A EHAOAN-EH-C201TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 0.65 x 0.35 x 0.4 mm
EH-C281TBKT-5A EHAOAN-EH-C281TBKT-5A Datasheet
1Mb / 7P
Dimension( L/W/H) : 1.0 x 0.5 x 0.4 mm
EH-T680DS8 EHAOAN-EH-T680DS8 Datasheet
1Mb / 8P
Dimension( L/W/H) : 3.5 x 2.8 x 1.9 mm
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com