Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT4HT8-AC24V Datasheet (PDF) - Panasonic Semiconductor

LT4HT8-AC24V Datasheet PDF - Panasonic Semiconductor
Part # LT4HT8-AC24V
Download  LT4HT8-AC24V Download
File Size   136.47 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIN 48 SIZE DIGITAL TIMER

LT4HT8-AC24V Datasheet (PDF)

Go To PDF Page Download Datasheet
LT4HT8-AC24V Datasheet PDF - Panasonic Semiconductor

Part # LT4HT8-AC24V
Download  LT4HT8-AC24V Click to download

File Size   136.47 Kbytes
Page   6 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description DIN 48 SIZE DIGITAL TIMER

LT4HT8-AC24V Datasheet (HTML) - Panasonic Semiconductor


LT4HT8-AC24V Product details

Features
• Bright and Easy-to-Read Display
A brand new bright 2-color back light
LCD display. The easy-to-read screen
in any location makes checking and
setting procedures a cinch.
• Simple Operation
Seesaw buttons make operating the
unit even easier than before.
• Short Body of only 64.5 mm 2.539
inch (screw terminal type) or 70.1
mm 2.760 inch (pin type)
With a short body, it is easy to install in
even narrow control panels.
• Conforms to IP66’s Weather
Resistant Standards
The water-proof panel keeps out water
and dirt for reliable operation even in
poor environments.
• Screw terminal (M3.5) and Pin Types
are Both Standard Options
The two terminal types are standard
options to support either front panel
installation or embedded installation.
• Changeable Panel Cover
Also offers a black panel cover to meet
your design considerations.
• Compliant with UL, c-UL and CE.




Similar Part No. - LT4HT8-AC24V

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LT4HT8-AC24V PANASONIC-LT4HT8-AC24V Datasheet
206Kb / 7P
DIN 48 SIZE DIGITAL TIMER
More results


Similar Description - LT4HT8-AC24V

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E5C4 OMRON-E5C4 Datasheet
178Kb / 8P
DIN-sized (48 x 48 mm) Temperature Controller With Digital Setting
H5CL OMRON-H5CL Datasheet
158Kb / 12P
Digital Timer
H3CA-A OMRON-H3CA-A Datasheet
2Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
H3CA8DC24 OMRON-H3CA8DC24 Datasheet
1Mb / 16P
DIN-sized (48 x 48, 45 x 75 mm) Timer with Digital Setting and LCD Display
Y92S-27 OMRON-Y92S-27 Datasheet
6Mb / 61P
DIN 48 x 48-mm Multifunctional Timer Series
logo
SELEC Controls Pvt. Ltd
600DT SELEC-600DT Datasheet
738Kb / 2P
17.5mm Din Rail Timer
600ST SELEC-600ST Datasheet
345Kb / 1P
17.5mm Din Rail Timer
800SQ-A SELEC-800SQ-A Datasheet
144Kb / 2P
DIN Rail Timer
800XC SELEC-800XC Datasheet
142Kb / 2P
DIN Rail Timer
logo
Panasonic Semiconductor
LC4H PANASONIC-LC4H Datasheet
236Kb / 8P
DIN 48 SIZE LCD ELECTRONIC COUNTER
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com