Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HP8210 Datasheet (PDF) - pro-elec

HP8210 Datasheet PDF - pro-elec
Part # HP8210
Download  HP8210 Download
File Size   127.06 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description IEC Mains Splitter IEC C14 to 2 x IEC C13

HP8210 Datasheet (PDF)

Go To PDF Page Download Datasheet
HP8210 Datasheet PDF - pro-elec

Part # HP8210
Download  HP8210 Click to download

File Size   127.06 Kbytes
Page   1 Pages
Manufacturer  PRO-ELEC [pro-elec]
Direct Link  
Logo PRO-ELEC - pro-elec
Description IEC Mains Splitter IEC C14 to 2 x IEC C13

HP8210 Datasheet (HTML) - pro-elec


HP8210 Product details

Specification
• Rated at 240V, 10A




Similar Part No. - HP8210

ManufacturerPart #DatasheetDescription
logo
Spelsberg
HP80-L SPELSBERG-HP80-L Datasheet
161Kb / 2P
Junction box
2015-01-26
logo
SOVICO corp.
HP800 SOVICO-HP800 Datasheet
702Kb / 1P
Multi Purpose Power Amp
logo
Roithner LaserTechnik G...
HP803CN ROITHNER-HP803CN Datasheet
198Kb / 6P
3W Emitter Power LED Series
HP803NB ROITHNER-HP803NB Datasheet
198Kb / 6P
3W Emitter Power LED Series
HP803NO ROITHNER-HP803NO Datasheet
198Kb / 6P
3W Emitter Power LED Series
More results


Similar Description - HP8210

ManufacturerPart #DatasheetDescription
logo
PowerDynamics, Inc
10080 POWERDYNAMICS-10080 Datasheet
55Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, RIGHT HANDED
10082 POWERDYNAMICS-10082 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, IEC 60320 C14 TO IEC 60320 C13, LEFT HANDED
10095 POWERDYNAMICS-10095 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET, 100cm LONG, IEC 60320 C14 TO IEC 60320 C13
10096 POWERDYNAMICS-10096 Datasheet
54Kb / 1P
AMERICAN JUMPER CORD SET IEC 60320 C14 TO IEC 60320 C13
logo
List of Unclassifed Man...
BZH11Z000011 ETC2-BZH11Z000011 Datasheet
68Kb / 2P
C14 IEC InletSheet F IEC Outlet - Horizontal
logo
Tripp Lite. All Rights ...
P005002 TRIPPLITE-P005002 Datasheet
484Kb / 2P
Heavy-Duty Power Extension Cord, 15A, 14AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P0040062C13 TRIPPLITE-P0040062C13 Datasheet
479Kb / 2P
Y Splitter Computer Power Extension Cord, 10A,18AWG (IEC-320-C14 to 2x IEC-320-C13)
P00400213A TRIPPLITE-P00400213A Datasheet
486Kb / 2P
Standard Computer Power Extension Cord, 13A, 16AWG (IEC-320-C14 to IEC-320-C13), 2-ft
P004-006-2C13 TRIPPLITE-P004-006-2C13 Datasheet
482Kb / 2P
Computer Power Extension Cord Y Splitter Cable, 10A, 18AWG (IEC-320-C14 to 2x IEC-320-C13), 6-ft
logo
Adam Technologies, Inc.
IEC-D-2 ADAM-TECH-IEC-D-2 Datasheet
80Kb / 1P
IEC C13 CONNECTOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com