Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC01005 Datasheet (PDF) - Multicomp Pro

MC01005 Datasheet PDF - Multicomp Pro
Part # MC01005
Download  MC01005 Download
File Size   501.61 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Circuit Board

MC01005 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC01005 Datasheet PDF - Multicomp Pro

Part # MC01005
Download  MC01005 Click to download

File Size   501.61 Kbytes
Page   1 Pages
Manufacturer  MULTICOMP [Multicomp Pro]
Direct Link  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Description Circuit Board

MC01005 Datasheet (HTML) - Multicomp Pro


MC01005 Product details

[Features]
• 1.6mm Thick Phenolic prototyping boards
• Pre-drilled index holes on a 0.1" (2.54mm) pitch
• Eash hole surrounded by a copper pad on one side of the board
• Flame resistant to UL94V-0
• Handy screw mounting holes in each corner
• Grid co-ordinates marking on the sides of the boards
• 160mm × 115mm
• 2,200 Holes on 55×40 grid
Dimensions : Millimetres




Similar Part No. - MC01005

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
MC01000 MULTICOMP-MC01000 Datasheet
166Kb / 1P
Solderless Breadboard
12/01/16 V1.0
MC01001 MULTICOMP-MC01001 Datasheet
256Kb / 2P
Solderless White Breadboard
MC01002 MULTICOMP-MC01002 Datasheet
146Kb / 1P
Solderless Breadboard
13/01/16
MC01003 MULTICOMP-MC01003 Datasheet
147Kb / 1P
Solderless Breadboard
12/01/16
MC01004 MULTICOMP-MC01004 Datasheet
151Kb / 1P
Solderless Mounted Breadboard
12/01/16
More results


Similar Description - MC01005

ManufacturerPart #DatasheetDescription
logo
ITT Industries
XLM-3-31-PCS ITT-XLM-3-31-PCS Datasheet
330Kb / 3P
Printed Circuit Board
logo
Semikron International
SKPC22-2 SEMIKRON-SKPC22-2 Datasheet
437Kb / 3P
PRINTED CIRCUIT BOARD
logo
Richco, Inc.
CBE-8 RICHCO-CBE-8 Datasheet
45Kb / 1P
CIRCUIT BOARD EJECTOR
logo
PHOENIX CONTACT
1805517 PHOENIX-1805517 Datasheet
71Kb / 4P
Printed-circuit board connector
logo
List of Unclassifed Man...
37058 ETC2-37058 Datasheet
147Kb / 2P
CIRCUIT BOARD SHIPPERS
logo
Dialight Corporation
551-0601F DIALIGHT-551-0601F Datasheet
86Kb / 8P
LED CBI Circuit Board Indicator LED CBI Circuit Board Indicator
logo
Visual Communications C...
CM1015 VCC-CM1015 Datasheet
101Kb / 1P
Circuit Board Indicators
logo
List of Unclassifed Man...
LCB05APTAI026A ETC-LCB05APTAI026A Datasheet
222Kb / 6P
LED Circuit Board
LCB08APTAI012A ETC-LCB08APTAI012A Datasheet
108Kb / 4P
LED Circuit Board
logo
PANDUIT CORP.
CBP12-C PANDUIT-CBP12-C Datasheet
86Kb / 1P
Circuit Board Posts
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com