Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2811268 Datasheet (PDF) - PHOENIX CONTACT

2811268 Datasheet PDF - PHOENIX CONTACT
Part # 2811268
Download  2811268 Download
File Size   127.81 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Resistance/potiposition transducer - MINI MCR-SL-R-UI - 2864095

2811268 Datasheet (PDF)

Go To PDF Page Download Datasheet
2811268 Datasheet PDF - PHOENIX CONTACT

Part # 2811268
Download  2811268 Click to download

File Size   127.81 Kbytes
Page   7 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description Resistance/potiposition transducer - MINI MCR-SL-R-UI - 2864095

2811268 Datasheet (HTML) - PHOENIX CONTACT


2811268 Product details

Product Description
The slim MINI MCR-SL-R-UI... potiposition transducer has a width of only 6.2 mm and converts potentiometer positions as a percentage to an
analog standard signal. If the potentiometer range cannot be utilized to the full, an externally accessible slide switch is used to set the upper and
lower potiposition end values. The output signal between 0 and 100% is based on this fixed end value.
The DIP switches are accessible on the side of the housing and allow the following parameters to be configured:
- Output signal,
- Automatic potentiometer detection,
- Open circuit detection slider and
- Fault evaluation type.
Power (19.2 V DC to 30 V DC) can be supplied through connection terminals on the modules or in conjunction with the DIN rail connector.




Similar Part No. - 2811268

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2811268 PHOENIX-2811268 Datasheet
218Kb / 9P
MINI MCR-SL-CVS-24-5-10-NC
2811268 PHOENIX-2811268 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2811268 PHOENIX-2811268 Datasheet
132Kb / 9P
Signal conditioner - MINI MCR-SL-I-U-4 - 2813538
12/30/2019
2811268 PHOENIX-2811268 Datasheet
128Kb / 8P
Signal conditioner - MINI MCR-SL-UI-UI-NC - 2864150
01/12/2017
2811268 PHOENIX-2811268 Datasheet
154Kb / 8P
Repeater power supply - MINI MCR-SL-RPS-I-I - 2864422
04/16/2018
More results


Similar Description - 2811268

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2864286 PHOENIX-2864286 Datasheet
99Kb / 6P
Resistance thermometer measuring transducer - MINI MCR-SL-PT100-UI-SP-NC
2902016 PHOENIX-2902016 Datasheet
91Kb / 5P
Resistance/potiposition transducer - MINI MCR-2-POT-UI
2902017 PHOENIX-2902017 Datasheet
80Kb / 5P
Resistance/potiposition transducer - MINI MCR-2-POT-UI-PT
2902829 PHOENIX-2902829 Datasheet
87Kb / 9P
Signal conditioner - MINI MCR-SL-UI-I-LP-NC
2902833 PHOENIX-2902833 Datasheet
82Kb / 7P
Frequency transducer - MINI MCR-SL-F-UI-SP-NC
2902849 PHOENIX-2902849 Datasheet
105Kb / 8P
Resistance thermometer measuring transducer - MINI MCR-RTD-UINC
2902851 PHOENIX-2902851 Datasheet
102Kb / 7P
Thermocouple measuring transducer - MINI MCR-TC-UI-NC
105446 PHOENIX-105446 Datasheet
283Kb / 14P
MINI MCR-RTD-UI-NC
2810780 PHOENIX-2810780 Datasheet
157Kb / 11P
Signal conditioner - MINI MCR-SL-SHUNT-UI-NC
09/12/2020
2902832 PHOENIX-2902832 Datasheet
133Kb / 9P
Frequency transducer - MINI MCR-SL-F-UI-NC
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com