Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RFP-150-50TCGF-S Datasheet (PDF) - Anaren Microwave

RFP-150-50TCGF-S Datasheet PDF - Anaren Microwave
Part # RFP-150-50TCGF-S
Download  RFP-150-50TCGF-S Download
File Size   351.51 Kbytes
Page   2 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Full Flange Termination 150 Watts, 50Ohms

RFP-150-50TCGF-S Datasheet (PDF)

Go To PDF Page Download Datasheet
RFP-150-50TCGF-S Datasheet PDF - Anaren Microwave

Part # RFP-150-50TCGF-S
Download  RFP-150-50TCGF-S Click to download

File Size   351.51 Kbytes
Page   2 Pages
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Description Full Flange Termination 150 Watts, 50Ohms

RFP-150-50TCGF-S Datasheet (HTML) - Anaren Microwave




Similar Part No. - RFP-150-50TCGF-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
RFP-150-50TCGF ANAREN-RFP-150-50TCGF Datasheet
498Kb / 2P
Flanged Terminations
More results


Similar Description - RFP-150-50TCGF-S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A150N50X4B ANAREN-A150N50X4B Datasheet
306Kb / 2P
Chip Termination 150 Watts, 50W
G150N50W4A ANAREN-G150N50W4A Datasheet
316Kb / 2P
Flange Mount Termination 150 Watts, 50廓
G150N50W4B ANAREN-G150N50W4B Datasheet
203Kb / 2P
Flange Mount Termination 150 Watts, 50W
RFP-60-50TPR-S ANAREN-RFP-60-50TPR-S Datasheet
290Kb / 2P
Flanged Termination 60 Watts, 50Ohms
RFP-60-50TP-S ANAREN-RFP-60-50TP-S Datasheet
291Kb / 2P
Flanged Termination 60 Watts, 50Ohms
RFP-100-50RW-S ANAREN-RFP-100-50RW-S Datasheet
202Kb / 2P
Full Flange Resistor 100 Watts, 50Ohms
RFP-125-50TS-S ANAREN-RFP-125-50TS-S Datasheet
262Kb / 2P
Flangeless Termination 125 Watts, 50Ohms
logo
Innovative Power Produc...
IPP-TB208-50 IPP-IPP-TB208-50 Datasheet
53Kb / 1P
TERMINATION, 150 WATT, FLANGE
IPP-TB212-50 IPP-IPP-TB212-50 Datasheet
58Kb / 1P
TERMINATION, 150 WATT, FLANGE
IPP-TB212E-50 IPP-IPP-TB212E-50 Datasheet
49Kb / 1P
TERMINATION, 150 WATT, FLANGE
More results




About Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com