Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S9S08SL32E1V28R Datasheet (PDF) - Freescale Semiconductor, Inc

S9S08SL32E1V28R Datasheet PDF - Freescale Semiconductor, Inc
Part # S9S08SL32E1V28R
Download  S9S08SL32E1V28R Download
File Size   4277.53 Kbytes
Page   356 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit (CPU)

S9S08SL32E1V28R Datasheet (PDF)

Go To PDF Page Download Datasheet
S9S08SL32E1V28R Datasheet PDF - Freescale Semiconductor, Inc

Part # S9S08SL32E1V28R
Download  S9S08SL32E1V28R Click to download

File Size   4277.53 Kbytes
Page   356 Pages
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc
Description 8-Bit HCS08 Central Processor Unit (CPU)

S9S08SL32E1V28R Datasheet (HTML) - Freescale Semiconductor, Inc


S9S08SL32E1V28R Product details

MC9S08EL32 Features

8-Bit HCS08 Central Processor Unit (CPU)
• 40-MHz HCS08 CPU (central processor unit)
• HC08 instruction set with added BGND instruction
• Support for up to 32 interrupt/reset sources

On-Chip Memory
• FLASH read/program/erase over full operating voltage and temperature
• EEPROM in-circuit programmable memory; program and erase while executing FLASH; erase abort
• Random-access memory (RAM)
• Security circuitry to prevent unauthorized access to RAM and NVM contents

Power-Saving Modes
• Two very low-power stop modes
• Reduced power wait mode
• Very low-power real-time interrupt for use in run, wait, and stop

Clock Source Options
• Oscillator (XOSC) — Loop-control Pierce oscillator; Crystal or ceramic resonator range of 31.25 kHz to 38.4 kHz or 1 MHz to 16 MHz
• Internal clock source (ICS) — Contains a frequency-locked loop (FLL) controlled by internal or external reference; precision trimming of internal reference allows 0.2% resolution and 2% deviation over temperature and voltage; supports bus frequencies from 2–20 MHz

System Protection
• Watchdog computer operating properly (COP) reset with option to run from dedicated 1-kHz internal clock source or bus clock
• Low-voltage detection with reset or interrupt; selectable trip points
• Illegal opcode detection with reset
• Illegal address detection with reset
• FLASH and EEPROM block protect

Development Support
• Single-wire background debug interface
• Breakpoint capability allows single breakpoint setting during in-circuit debugging (plus two more breakpoints in the on-chip debug module)
• In-circuit emulation (ICE) debug module — contains two comparators and nine trigger modes; eight-deep FIFO for storing change-of-flow address and event-only data; supports both tag and force breakpoints




Similar Part No. - S9S08SL32E1V28R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
S9S08SL8F1CTJ FREESCALE-S9S08SL8F1CTJ Datasheet
2Mb / 356P
provides the functional version of the on-chip modules
More results


Similar Description - S9S08SL32E1V28R

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC9S08DZ60 FREESCALE-MC9S08DZ60_08 Datasheet
4Mb / 416P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QA4 FREESCALE-MC9S08QA4 Datasheet
2Mb / 32P
8-bit HCS08 Central Processor Unit (CPU)
MC9S08QE32 FREESCALE-MC9S08QE32 Datasheet
1Mb / 44P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08QE128 FREESCALE-MC9S08QE128_08 Datasheet
1Mb / 50P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08MP16 FREESCALE-MC9S08MP16 Datasheet
775Kb / 36P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08SV16 FREESCALE-MC9S08SV16 Datasheet
755Kb / 40P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AC32CFGE FREESCALE-MC9S08AC32CFGE Datasheet
2Mb / 350P
8-Bit HCS08 Central Processor Unit (CPU)
MC9S08AW60MFGE FREESCALE-MC9S08AW60MFGE Datasheet
1Mb / 324P
8-Bit HCS08 Central Processor Unit (CPU)
logo
NXP Semiconductors
MC9S08SE8 NXP-MC9S08SE8 Datasheet
773Kb / 35P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 4, 4/2015
MC9S08SV16 NXP-MC9S08SV16 Datasheet
915Kb / 40P
8-Bit HCS08 Central Processor Unit (CPU)
Rev. 2, 7/2009
More results




About Freescale Semiconductor, Inc


Freescale Semiconductor was an American semiconductor company that was founded in 1948.
The company was a leading provider of microcontrollers, sensors, and other semiconductor products for various applications in the automotive, industrial, and consumer markets.
Freescale's products were known for their high performance, low power consumption, and small form factor.
The company was acquired by NXP Semiconductors in 2015, and its products and technologies continue to be developed and sold under the NXP brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com