Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACAS0612110RB1K1ATP1 Datasheet (PDF) - Vishay Siliconix

ACAS0612110RB1K1ATP1 Datasheet PDF - Vishay Siliconix
Part # ACAS0612110RB1K1ATP1
Download  ACAS0612110RB1K1ATP1 Download
File Size   142.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Precision Thin Film Chip Resistor Array

ACAS0612110RB1K1ATP1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ACAS0612110RB1K1ATP1 Datasheet PDF - Vishay Siliconix

Part # ACAS0612110RB1K1ATP1
Download  ACAS0612110RB1K1ATP1 Click to download

File Size   142.78 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Automotive Precision Thin Film Chip Resistor Array

ACAS0612110RB1K1ATP1 Datasheet (HTML) - Vishay Siliconix


ACAS0612110RB1K1ATP1 Product details

Automotive Precision Thin Film Chip Resistor Array

ACAS 0612 Automotive thin chip resistor arrays with convex terminations combine the proven reliability of discrete automotive chip resistors with the advantages of chip resistor arrays. Defined tolerance matching and TCR tracking makes this product perfectly suited for applications with outstanding requirements towards stable fixed resistor ratios. A small package enables the design of high density circuits in combination with reduction of assembly costs. Four equal resistor values or two pairs are available.

FEATURES
• Tested according AEC-Q200
• 155 °C film temperature
• 1000 V ESD stability
• Advanced thin film technology
• Two pairs or four equal resistor values
• TCR tracking down to 10 ppm/K (± 5 ppm/K) and tolerance
   matching down to 0.1 % (± 0.05 %)
• RoHS compliant component, compatible with lead (Pb)-free
   and lead containing soldering processes

APPLICATIONS
• Precision analogue circuits
• Voltage divider
• Feedback circuits
• Signal conditioning




Similar Part No. - ACAS0612110RB1K1ATP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAS0612110RB1K1P1 VISHAY-ACAS0612110RB1K1P1 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAS0612110RB1K1P5 VISHAY-ACAS0612110RB1K1P5 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAS0612110RB1K1PW VISHAY-ACAS0612110RB1K1PW Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
More results


Similar Description - ACAS0612110RB1K1ATP1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ACAC0612 VISHAY-ACAC0612_08 Datasheet
163Kb / 6P
Precision Thin Film Chip Resistor Array
11-Sep-08
ACAC0612 VISHAY-ACAC0612_1 Datasheet
161Kb / 6P
Professional Thin Film Chip Resistor Array
11-Sep-08
ACAS0606 VISHAY-ACAS0606 Datasheet
176Kb / 8P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
06-Nov-09
ACAS0612 VISHAY-ACAS0612_13 Datasheet
146Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
logo
Riedon Powertron
CAR0402 RIEDON-CAR0402_13 Datasheet
168Kb / 2P
Thin Film Precision Chip Resistor
CAR0805-10RB1 RIEDON-CAR0805-10RB1 Datasheet
145Kb / 3P
Thin Film Precision Chip Resistor
logo
Stackpole Electronics, ...
RNCF SEI-RNCF Datasheet
498Kb / 8P
Precision Thin Film Chip Resistor
7/8/2022
logo
Vishay Siliconix
ACAS0606AT VISHAY-ACAS0606AT_V01 Datasheet
134Kb / 9P
Precision Thin Film Chip Resistor Array Superior Moisture Resistivity
17-Aug-2022
ACASPREC VISHAY-ACASPREC Datasheet
131Kb / 8P
Precision Thin Film Chip Resistor Array
12-Apr-13
logo
C&B ELECTRONICS (SHENZH...
PTFR RESI-PTFR Datasheet
4Mb / 14P
Precision Thin Film Chip Resistor
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com