Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR10H60 Datasheet (PDF) - Vishay Siliconix

MBR10H60 Datasheet PDF - Vishay Siliconix
Part # MBR10H60
Download  MBR10H60 Download
File Size   146.75 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

MBR10H60 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBR10H60 Datasheet PDF - Vishay Siliconix

Part # MBR10H60
Download  MBR10H60 Click to download

File Size   146.75 Kbytes
Page   5 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Schottky Barrier Rectifier

MBR10H60 Datasheet (HTML) - Vishay Siliconix


MBR10H60 Product details

Schottky Barrier Rectifier

High Barrier Technology for Improved High Temperature Performance



FEATURES

• Guardring for overvoltage protection

• Lower power losses, high efficiency

• Low forward voltage drop

• Low leakage current

• High forward surge capability

• High frequency operation

• Meets MSL level 1, per J-STD-020, LF maximum peak of 245 °C (for TO-263AB package)

• Solder dip 260 °C, 40 s (for TO-220AC and ITO-220AC package)

• Component in accordance to RoHS 2002/95/EC and WEEE 2002/96/EC



TYPICAL APPLICATIONS

For use in low voltage, high frequency rectifier of switching mode power supplies, freewheeling diodes,

dc-to-dc converters or polarity protection application.




Similar Part No. - MBR10H60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR10H60 VISHAY-MBR10H60 Datasheet
72Kb / 3P
Schottky Barrier Rectifiers
03-Mar-03
logo
Kersemi Electronic Co.,...
MBR10H60 KERSEMI-MBR10H60 Datasheet
1Mb / 3P
Metal silicon junction, majority carrier conduction
MBR10H60 KERSEMI-MBR10H60 Datasheet
1Mb / 3P
Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
Vishay Siliconix
MBR10H60 VISHAY-MBR10H60 Datasheet
159Kb / 6P
Schottky Barrier Rectifier
12-Nov-07
logo
Inchange Semiconductor ...
MBR10H60 ISC-MBR10H60 Datasheet
295Kb / 3P
Schottky Rectifier
More results


Similar Description - MBR10H60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com