Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CXE-1089Z Datasheet (PDF) - RF Micro Devices

CXE-1089Z Datasheet PDF - RF Micro Devices
Part # CXE-1089Z
Download  CXE-1089Z Download
File Size   397.87 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 1200MHz 75廓 pHEMT MMIC LNA

CXE-1089Z Datasheet (PDF)

Go To PDF Page Download Datasheet
CXE-1089Z Datasheet PDF - RF Micro Devices

Part # CXE-1089Z
Download  CXE-1089Z Click to download

File Size   397.87 Kbytes
Page   10 Pages
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices
Description 50MHz to 1200MHz 75廓 pHEMT MMIC LNA

CXE-1089Z Datasheet (HTML) - RF Micro Devices




Similar Part No. - CXE-1089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
CXE-1089Z RFMD-CXE-1089Z Datasheet
795Kb / 12P
50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089ZSB RFMD-CXE-1089ZSB Datasheet
795Kb / 12P
50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089ZSQ RFMD-CXE-1089ZSQ Datasheet
795Kb / 12P
50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089ZSR RFMD-CXE-1089ZSR Datasheet
795Kb / 12P
50MHz to 1200MHz 75廓 pHEMT MMIC LNA
CXE-1089Z RFMD-CXE-1089Z_10 Datasheet
795Kb / 12P
50MHz to 1200MHz 75廓 pHEMT MMIC LNA
More results


Similar Description - CXE-1089Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SPF-5043Z RFMD-SPF-5043Z Datasheet
590Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
SPF-5122Z RFMD-SPF-5122Z Datasheet
405Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Hittite Microwave Corpo...
HMC599ST89 HITTITE-HMC599ST89 Datasheet
732Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
CATV 75 廓 pHEMT High Gain RF Amplifier
logo
RF Micro Devices
SPF5043ZSQ RFMD-SPF5043ZSQ Datasheet
1Mb / 13P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
CXE-1089Z RFMD-CXE-1089Z_10 Datasheet
795Kb / 12P
50MHz to 1200MHz 75廓 pHEMT MMIC LNA
RFCA3828 RFMD-RFCA3828 Datasheet
1Mb / 12P
75廓 High Linearity pHEMT MMIC Amplifier
SPF5122Z RFMD-SPF5122Z Datasheet
814Kb / 12P
50MHz to 4000MHz, GaAs pHEMT LOW NOISE MMIC AMPLIFIER
logo
Analog Devices
HMC599ST89 AD-HMC599ST89 Datasheet
518Kb / 8P
GaAs pHEMT MMIC LNA, 75 Ohm
logo
Qorvo, Inc
RFCA3828 QORVO-RFCA3828 Datasheet
1Mb / 12P
75 High Linearity pHEMT MMIC Amplifier
More results




About RF Micro Devices


RF Micro Devices (RFMD) was an American company that specialized in the design and manufacture of radio frequency (RF) components and solutions for wireless communications. The company was founded in 1991 and was headquartered in Greensboro, North Carolina. RFMD provided a wide range of products including power amplifiers, transceivers, filters, and other RF components that were used in mobile devices, Wi-Fi and Bluetooth modules, and other wireless systems.

RFMD was known for its expertise in RF technology and its ability to provide innovative and high-performance products. The company had a strong focus on research and development and was actively involved in the development of new technologies and solutions for the wireless industry. RFMD's products were widely used in a variety of applications and helped support the growth of the wireless industry.

In 2015, RFMD was acquired by Skyworks Solutions, Inc., a leading provider of high-performance analog semiconductors. The acquisition allowed Skyworks to expand its product portfolio and offerings in the RF market and further strengthen its position in the wireless industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com