Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATF1504BE-5AX44 Datasheet (PDF) - ATMEL Corporation

ATF1504BE-5AX44 Datasheet PDF - ATMEL Corporation
Part # ATF1504BE-5AX44
Download  ATF1504BE-5AX44 Download
File Size   751.98 Kbytes
Page   30 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Highperformance CPLD

ATF1504BE-5AX44 Datasheet (PDF)

Go To PDF Page Download Datasheet
ATF1504BE-5AX44 Datasheet PDF - ATMEL Corporation

Part # ATF1504BE-5AX44
Download  ATF1504BE-5AX44 Click to download

File Size   751.98 Kbytes
Page   30 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description Highperformance CPLD

ATF1504BE-5AX44 Datasheet (HTML) - ATMEL Corporation


ATF1504BE-5AX44 Product details

Description
The ATF1504BE is a high-performance, high-density complex programmable logic device (CPLD) that utilizes Atmel’s proven electrically-erasable memory technology. With 64 logic macrocells and up to 68 inputs, it easily integrates logic from several TTL, SSI, MSI, LSI and classic PLDs. The ATF1504BE’s enhanced routing switch matrices increase usable gate count and the odds of successful pin-locked design modifications.

Features
• High-performance Fully CMOS, Electrically-erasable Complex Programmable Logic Device
    – 64 Macrocells
    – 5.0 ns Pin-to-pin Propagation Delay
    – Registered Operation up to 333 MHz
    – Enhanced Routing Resources
    – Optimized for 1.8V Operation
    – 2 I/O Banks to Facilitate Multi-voltage I/O Operation: 1.5V, 1.8V, 2.5V, 3.3V
    – SSTL2 and SSTL3 I/O Standards
• In-System Programming (ISP) Supported
    – ISP Using IEEE 1532 (JTAG) Interface
    – IEEE 1149.1 JTAG Boundary Scan Test
• Flexible Logic Macrocell
    – D/T/Latch Configurable Flip-flops
    – 5 Product Terms per Macrocell, Expandable up to 40
    – Global and Individual Register Control Signals
    – Global and Individual Output Enable
    – Programmable Output Slew Rate with Low Output Drive
    – Programmable Open Collector Output Option
    – Maximum Logic Utilization by Burying a Register with a Combinatorial Output and Vice Versa
• Fully Green (RoHS Compliant)
• 10 µA Standby Current
• Power Saving Option During Operation Using PD1 and PD2 Pins
• Programmable Pin-keeper Option on Inputs and I/Os
• Programmable Schmitt Trigger Option on Input and I/O Pins
• Programmable Input and I/O Pull-up Option
• Unused I/O Pins Can Be Configured as Ground (Optional)
• Available in Commercial and Industrial Temperature Ranges
• Available in 44-lead and 100-lead TQFP
• Advanced Digital CMOS Technology
    – 100% Tested
    – Completely Reprogrammable
    – 10,000 Program/Erase Cycles
    – 20-year Data Retention
    – 2000V ESD Protection
    – 200 mA Latch-up Immunity
• Security Fuse Feature
• Hot-Socketing Supported

Enhanced Features
• Improved Connectivity (Additional Feedback Routing, Alternate Input Routing)
• Output Enable Product Terms
• Outputs Can Be Configured for High or Low Drive
• Combinatorial Output with Registered Feedback and Vice Versa within each Macrocell
• Three Global Clock Pins
• Fast Registered Input from Product Term
• Pull-up Option on TMS and TDI JTAG Pins
• OTF (On-the-Fly) Reconfiguration Mode
• DRA (Direct Reconfiguration Access)




Similar Part No. - ATF1504BE-5AX44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF1504BE ATMEL-ATF1504BE_14 Datasheet
752Kb / 30P
High-performance Fully CMOS, Electrically-erasable Complex Programmable
More results


Similar Description - ATF1504BE-5AX44

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATF22V10CQ ATMEL-ATF22V10CQ Datasheet
273Kb / 18P
Highperformance EE PLD
ATF1502ASV ATMEL-ATF1502ASV Datasheet
225Kb / 22P
Highperformance EEPROM CPLD
ATF22V10B ATMEL-ATF22V10B_03 Datasheet
537Kb / 15P
Highperformance EE PLD
ATF1500A ATMEL-ATF1500A_05 Datasheet
609Kb / 19P
Highperformance EPLD
ATF22LV10CZ ATMEL-ATF22LV10CZ_05 Datasheet
358Kb / 19P
Highperformance EE PLD
ATF1502AS ATMEL-ATF1502AS_05 Datasheet
535Kb / 26P
Highperformance EEPROM CPLD
ATF1502ASV ATMEL-ATF1502ASV_06 Datasheet
377Kb / 25P
Highperformance EEPROM CPLD
ATF1502BE ATMEL-ATF1502BE Datasheet
530Kb / 24P
Highperformance CPLD
ATF1508BE ATMEL-ATF1508BE Datasheet
791Kb / 30P
Highperformance CPLD
ATF1508RE ATMEL-ATF1508RE Datasheet
791Kb / 31P
Highperformance CPLD
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com