Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BA236 Datasheet (PDF) - Rohm

BA236 Datasheet PDF - Rohm
Part # BA236
Download  BA236 Download
File Size   73.38 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description CR timer

BA236 Datasheet (PDF)

Go To PDF Page Download Datasheet
BA236 Datasheet PDF - Rohm

Part # BA236
Download  BA236 Click to download

File Size   73.38 Kbytes
Page   6 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description CR timer

BA236 Datasheet (HTML) - Rohm


BA236 Product details

The BA225, BA225F, BA235, BA226, BA226F, and BA236 are monolithic ICs having independent monostable multivibrator circuits which consume very low current (0.75mA typ.). Using external resistors and capacitors, the timing control time can be set within a range from 0.01ms to 100ms.

As the BA225, BA225F, and BA235 are triggered at the rising edge of the signal, they have no trigger input differentiating circuit and can be used in measuring instruments, control devices, digital data systems and other equipment as sub-compact attachments. The BA226, BA226F, and BA236 are available as falling edge trigger types.



•

Features

1) As these are edge trigger types (BA225 / BA235: rising edge trigger types, BA226 / BA236: falling edge trigger types), there is no need for an input differentiating circuit.

2) The dual type design enables delay timer configuration.

3) Fewer attachments are required.

4) Current dissipation is as low as 0.75mA for each circuit.

5) Uniformity in the supply current between high and low output states simplifies the design of the power supply section.

6) Wide operating power supply voltage range of 4.0V to 16V.

7) The BA235 and BA236 pin assignments are symmetrical, allowing reverse insertion.

8) Hysteresis in the input results in a high level of noise withstand resistance.




Similar Part No. - BA236

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
BA23 L-COM-BA23 Datasheet
119Kb / 1P
COUPLER SMA F/SMA F
06/06/01
BA230 L-COM-BA230 Datasheet
114Kb / 1P
BNC JACK TO UHF JACK
12/05/01
BA2301 L-COM-BA2301 Datasheet
50Kb / 1P
TNC FEED-THRU ADAPTOR
09/28/01
logo
Edal Industries, Inc.
BA232 EDAL-BA232 Datasheet
93Kb / 1P
Silicon Bridge Rectifier
BA232-10 EDAL-BA232-10 Datasheet
93Kb / 1P
Silicon Bridge Rectifier
More results


Similar Description - BA236

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7326P TOSHIBA-TA7326P Datasheet
331Kb / 12P
CR TIMER
TB1004AF TOSHIBA-TB1004AF Datasheet
230Kb / 6P
CR TIMER
TB1010F TOSHIBA-TB1010F Datasheet
243Kb / 6P
CR TIMER
TB1012F TOSHIBA-TB1012F Datasheet
222Kb / 6P
CR TIMER
TB1022F TOSHIBA-TB1022F Datasheet
244Kb / 6P
CR TIMER
logo
Seiko Instruments Inc
S-8081B SII-S-8081B Datasheet
488Kb / 8P
CR TIMER
logo
KOA Speer Electronics, ...
CRE601D KOA-CRE601D Datasheet
477Kb / 2P
cr networks
logo
RUBYCON CORPORATION
MCRA-DP RUBYCON-MCRA-DP Datasheet
152Kb / 1P
CR-SURGE ABSORBER
logo
Rohm
BU2302 ROHM-BU2302 Datasheet
301Kb / 13P
CR timer
logo
PHOENIX CONTACT
1115672 PHOENIX-1115672 Datasheet
214Kb / 6P
CAPAROC CR 8 - Busbar
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com