Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSA-2111 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

MSA-2111 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # MSA-2111
Download  MSA-2111 Download
File Size   159.84 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-2111 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSA-2111 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # MSA-2111
Download  MSA-2111 Click to download

File Size   159.84 Kbytes
Page   4 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Cascadable Silicon Bipolar MMIC Amplifier

MSA-2111 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


MSA-2111 Product details

Description

The MSA-2111 is a low cost silicon bipolar Monolithic Microwave Integrated Circuit (MMIC) housed in a surface mount plastic SOT-143 package. This MMIC is designed for use as a general purpose 50 Ω gain block. Typical applications include narrow and broad band IF and RF amplifers in commercial and industrial applications.



Features

• Cascadable 50 Ω Gain Block

• Medium Power: 10 dBm at 900 MHz

• High Gain: 16.5 dB Typical at 900 MHz

• Low Noise Figure: 3.3 dB Typical at 900 MHz

• Low Cost Surface Mount Plastic Package

• Tape-and-Reel Packaging Option Available

• Lead-free Option Available




Similar Part No. - MSA-2111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-2111 HP-MSA-2111 Datasheet
50Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-2111-BLK HP-MSA-2111-BLK Datasheet
50Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-2111-BLK HP-MSA-2111-BLK Datasheet
40Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-2111-TR1 HP-MSA-2111-TR1 Datasheet
50Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-2111-TR1 HP-MSA-2111-TR1 Datasheet
40Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results


Similar Description - MSA-2111

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0505 HP-MSA-0505 Datasheet
51Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0900 MPLUSE-MP4TD0900 Datasheet
139Kb / 3P
Silicon Bipolar MMIC Cascadable Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
Cascadable Silicon Bipolar MMIC Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com