Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KMT1117 Datasheet (PDF) - Guangdong Kexin Industrial Co.,Ltd

KMT1117 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd
Part # KMT1117
Download  KMT1117 Download
File Size   93.14 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator

KMT1117 Datasheet (PDF)

Go To PDF Page Download Datasheet
KMT1117 Datasheet PDF - Guangdong Kexin Industrial Co.,Ltd

Part # KMT1117
Download  KMT1117 Click to download

File Size   93.14 Kbytes
Page   3 Pages
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd
Description 1A Low Dropout Positive Adjustable or Fixed-Mode Regulator

KMT1117 Datasheet (HTML) - Guangdong Kexin Industrial Co.,Ltd


KMT1117 Product details

Features
● 1.4V maximum dropout at full load current
● Fast transient response
● Output current limiting
● Built-in thermal shutdown
● Good noise rejection
● 3-Terminal Adjustable or Fixed 1.5V, 1.8V, 1.9V,2.5V, 3.3V, 5.0V




Similar Part No. - KMT1117

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
KMT15-51212 TDK-KMT15-51212 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMT15-51212 TDK-KMT15-51212 Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMT15-51515 TDK-KMT15-51515 Datasheet
688Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
KMT15-51515 TDK-KMT15-51515 Datasheet
523Kb / 2P
15-40W Medical AC-DC PCB-Mount Power Supplies
More results


Similar Description - KMT1117

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GJ1117A ETC2-GJ1117A Datasheet
245Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
GTM CORPORATION
G1117A GTM-G1117A Datasheet
253Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Diodes Incorporated
APX1117 DIODES-APX1117 Datasheet
165Kb / 8P
1A LOW DROPOUT POSITIVE ADJUSTABLE OR FIXED-MODE REGULATOR
APX1117 Rev. 1
logo
Advanced Power Electron...
APE1117A A-POWER-APE1117A Datasheet
436Kb / 9P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Guangdong Kexin Industr...
KMA1117 KEXIN-KMA1117 Datasheet
107Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
KMU1117 KEXIN-KMU1117 Datasheet
95Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
AMS1117 KEXIN-AMS1117 Datasheet
70Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
E-Tech Electronics LTD
G1117A ETL-G1117A Datasheet
261Kb / 4P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Zhaoxingwei Electronics...
LY6117 ZHAOXINGWEI-LY6117 Datasheet
111Kb / 2P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
logo
Tiger Electronic Co.,Lt...
LMT1117 TGS-LMT1117 Datasheet
306Kb / 3P
1A Low Dropout Positive Adjustable or Fixed-Mode Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com