Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

B0505D-2W Datasheet (PDF) - MORNSUN Science& Technology Ltd.

B0505D-2W Datasheet PDF - MORNSUN Science& Technology Ltd.
Part # B0505D-2W
Download  B0505D-2W Download
File Size   131.64 Kbytes
Page   2 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description DUAL/SINGLE OUTPUT DC-DC CONVERTER

B0505D-2W Datasheet (PDF)

Go To PDF Page Download Datasheet
B0505D-2W Datasheet PDF - MORNSUN Science& Technology Ltd.

Part # B0505D-2W
Download  B0505D-2W Click to download

File Size   131.64 Kbytes
Page   2 Pages
Manufacturer  MORNSUN [MORNSUN Science& Technology Ltd.]
Direct Link  http://www.mornsun-power.com
Logo MORNSUN - MORNSUN Science& Technology Ltd.
Description DUAL/SINGLE OUTPUT DC-DC CONVERTER

B0505D-2W Datasheet (HTML) - MORNSUN Science& Technology Ltd.


B0505D-2W Product details

FEATURES
   High Efficiency up to 86%
   1KVDC Isolation
   DIP Package
   Internal SMD Construction
   Temperature Range: -40°C to +85°C
   No Heat sink Required
   Internal SMD construction
   Industry Standard Pinout
   RoHS Compliance

APPLICATIONS
   The A_D-2W & B_D-2W Series are specially designed for applications where a group of polar power supplies are isolated from the input power supply in a distributed power supply system on a circuit board.
These products apply to:
1) Where the voltage of the input power supply is fixed (voltage variation ≤ ±10%);
2) Where isolation is necessary between input and output (isolation voltage ≤1000VDC);
3) Where the regulation of the output voltage and the output ripple noise are not demanding.
Such as: purely digital circuits, ordinary low frequency analog circuits, and IGBT power device driving circuits.




Similar Part No. - B0505D-2W

ManufacturerPart #DatasheetDescription
logo
Guangzhou Reicu Electro...
B0505D-2W REICU-B0505D-2W Datasheet
4Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
logo
MORNSUN Science& Techno...
B0505D-2WR2 MORNSUN-B0505D-2WR2 Datasheet
583Kb / 5P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Guangzhou Reicu Electro...
B0505D-2WR2 REICU-B0505D-2WR2 Datasheet
4Mb / 1P
1600VDC Isolated 2W Single Output SIP/DIP-Package
REV:3.1
More results


Similar Description - B0505D-2W

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
B0303LD-1W MORNSUN-B0303LD-1W Datasheet
133Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
F0305D-1W MORNSUN-F0305D-1W Datasheet
135Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
URA2405D-10W MORNSUN-URA2405D-10W Datasheet
105Kb / 2P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
Make-Ps
100VFS MAKE-PS-100VFS Datasheet
176Kb / 4P
Single & Dual Output DC/DC Converter
200HFR MAKE-PS-200HFR Datasheet
246Kb / 4P
Single & Dual Output DC/DC Converter
300FR MAKE-PS-300FR Datasheet
183Kb / 4P
Single & Dual Output DC/DC Converter
300XFR MAKE-PS-300XFR Datasheet
208Kb / 4P
Single & Dual Output DC/DC Converter
1000WFR MAKE-PS-1000WFR Datasheet
161Kb / 3P
Single & Dual Output DC/DC Converter
FKC12W MAKE-PS-FKC12W Datasheet
594Kb / 3P
Single & Dual Output DC/DC Converter
logo
MORNSUN Science& Techno...
B0303LS-1WR MORNSUN-B0303LS-1WR Datasheet
297Kb / 3P
DUAL/SINGLE OUTPUT DC-DC CONVERTER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com