Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LRDC-12-1-75J Datasheet (PDF) - Mini-Circuits

LRDC-12-1-75J Datasheet PDF - Mini-Circuits
Part # LRDC-12-1-75J
Download  LRDC-12-1-75J Download
File Size   251.46 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 75廓 5 to 600 MHz

LRDC-12-1-75J Datasheet (PDF)

Go To PDF Page Download Datasheet
LRDC-12-1-75J Datasheet PDF - Mini-Circuits

Part # LRDC-12-1-75J
Download  LRDC-12-1-75J Click to download

File Size   251.46 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 75廓 5 to 600 MHz

LRDC-12-1-75J Datasheet (HTML) - Mini-Circuits




Similar Part No. - LRDC-12-1-75J

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
LRDC-12-1-75 MINI-LRDC-12-1-75 Datasheet
277Kb / 1P
Directional Coupler 75廓 5 to 600 MHz
More results


Similar Description - LRDC-12-1-75J

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ADC-10-4-75 MINI-ADC-10-4-75 Datasheet
260Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-10-4-75R MINI-ADC-10-4-75R Datasheet
298Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-15-4-75 MINI-ADC-15-4-75 Datasheet
242Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-16-4-75 MINI-ADC-16-4-75 Datasheet
242Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
ADC-20-4-75 MINI-ADC-20-4-75 Datasheet
243Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
LRDC-10-1-75 MINI-LRDC-10-1-75 Datasheet
275Kb / 1P
Directional Coupler 75廓 5 to 600 MHz
LRDC-10-1-75J MINI-LRDC-10-1-75J Datasheet
250Kb / 1P
Directional Coupler 75廓 5 to 600 MHz
LRDC-12-1-75 MINI-LRDC-12-1-75 Datasheet
277Kb / 1P
Directional Coupler 75廓 5 to 600 MHz
TCD-9-1W-75 MINI-TCD-9-1W-75 Datasheet
282Kb / 1P
Directional Coupler 75廓 5 to 2000 MHz
TCD-13-4-75 MINI-TCD-13-4-75 Datasheet
279Kb / 1P
Directional Coupler 75廓 5 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com