Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HEC75-48S1P8 Datasheet (PDF) - Power Mate Technology Co., LTD

HEC75-48S1P8 Datasheet PDF - Power Mate Technology Co., LTD
Part # HEC75-48S1P8
Download  HEC75-48S1P8 Download
File Size   339.15 Kbytes
Page   4 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description Single/Dual output

HEC75-48S1P8 Datasheet (PDF)

Go To PDF Page Download Datasheet
HEC75-48S1P8 Datasheet PDF - Power Mate Technology Co., LTD

Part # HEC75-48S1P8
Download  HEC75-48S1P8 Click to download

File Size   339.15 Kbytes
Page   4 Pages
Manufacturer  P-DUKE [Power Mate Technology Co., LTD]
Direct Link  http://www.pduke.com
Logo P-DUKE - Power Mate Technology Co., LTD
Description Single/Dual output

HEC75-48S1P8 Datasheet (HTML) - Power Mate Technology Co., LTD


HEC75-48S1P8 Product details

DESCRIPTION
HEC75-SERIES DC/DC converters provide up to 75 watts of output power in an industry standard half-brick package and footprint. All models feature a wide input range, trimmable output voltage and a 20A current rating (15A for dual output)

FEATURES
• 75 WATTS MAXIMUM OUTPUT POWER
• SINGLE : OUTPUT CURRENT UP TO 20A
    DUAL : TOTAL OUTPUT CURRENT UP TO 15A; UP TO 100% LOAD IMBALANCE
• COMPACT 2.40 X 2.28 X 0.50 INCH PACKAGE
• HIGH EFFICIENCY UP TO 90%
• INPUT RANGE FROM 36VDC TO 75VDC
• FIXED SWITCHING FREQENCY (300KHz)
• HALT TESTED
• INDUSTRY STANDARD FOOTPRINT
• ADJUSTABLE OUTPUT VOLTAGE, INDEPENDENTLY REGULATED OUTPUTS
• INPUT TO OUTPUT ISOLATION (BASIC INSULATION)
• CE MARK MEETS 2006/95/EC, 93/68/EEC AND 2004/108/EC
• SINGLE: UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
• DUAL:DESIGN MEET UL60950-1, EN60950-1 AND IEC60950-1 LICENSED
• ISO9001 CERTIFIED MANUFACTURING FACILITIES
• COMPLIANT TO RoHS EU DIRECTIVE 2002/95/EC

APPLICATIONS
    Wireless Network
    Telecom/Datacom
    Industry Control System
    Distributed Power Architectures
    Semiconductor Equipment




Similar Part No. - HEC75-48S1P8

ManufacturerPart #DatasheetDescription
logo
Power Mate Technology C...
HEC75-48S1P8 P-DUKE-HEC75-48S1P8 Datasheet
1Mb / 3P
75 WATTS DC-DC CONVERTER
More results


Similar Description - HEC75-48S1P8

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
SF_IP XPPOWER-SF_IP Datasheet
252Kb / 1P
Regulated Single & Dual Output
SF_IR XPPOWER-SF_IR Datasheet
72Kb / 1P
Single & Dual Output
ISF0305A XPPOWER-ISF0305A Datasheet
108Kb / 1P
Single & Dual Output
logo
Arch Electronics Corp.
AOC_SERIES ARCH-AOC_SERIES Datasheet
222Kb / 3P
Single and Dual Output
logo
XP Power Limited
ID0505SA XPPOWER-ID0505SA Datasheet
204Kb / 1P
Single & Dual Output
IG0505SA XPPOWER-IG0505SA Datasheet
71Kb / 1P
Single & Dual Output
logo
PEAK electronics GmbH
P8SG-053R3ELF PEAK-P8SG-053R3ELF Datasheet
138Kb / 3P
Single and Dual Output
P26TG-123R3E21MLF PEAK-P26TG-123R3E21MLF Datasheet
151Kb / 3P
SINGLE and DUAL Output
P34TG-243R3E41MLF PEAK-P34TG-243R3E41MLF Datasheet
136Kb / 3P
Single and Dual Output
P42TG-122R5E21MLF PEAK-P42TG-122R5E21MLF Datasheet
136Kb / 3P
Single and Dual Output
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com