Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BAS16VTWPT Datasheet (PDF) - Chenmko Enterprise Co. Ltd.

BAS16VTWPT Datasheet PDF - Chenmko Enterprise Co. Ltd.
Part # BAS16VTWPT
Download  BAS16VTWPT Download
File Size   79.69 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere

BAS16VTWPT Datasheet (PDF)

Go To PDF Page Download Datasheet
BAS16VTWPT Datasheet PDF - Chenmko Enterprise Co. Ltd.

Part # BAS16VTWPT
Download  BAS16VTWPT Click to download

File Size   79.69 Kbytes
Page   2 Pages
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.
Description FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere

BAS16VTWPT Datasheet (HTML) - Chenmko Enterprise Co. Ltd.


BAS16VTWPT Product details

FEATURE
* Small surface mounting type. (SOT-563)
* High speed. (TRR= 1.5nSec Typ.)
* Suitable for high packing density.
* Maximum total power disspation is 200mW.
* Peak forward current is 300mA.
* Lead free devices

APPLICATION
* Ultra high speed switching
* For general purpose switching application




Similar Part No. - BAS16VTWPT

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAS16VTB6 PANJIT-BAS16VTB6 Datasheet
172Kb / 3P
SURFACE MOUNT SWITCHING DIODES
BAS16VTB6 PANJIT-BAS16VTB6 Datasheet
531Kb / 5P
SURFACE MOUNT SWITCHING DIODES
August 10,2022 BAS16VTB6-REV.02
BAS16VTB6 PANJIT-BAS16VTB6_16 Datasheet
181Kb / 5P
SURFACE MOUNT SWITCHING DIODES
BAS16VTB6_R1_00001 PANJIT-BAS16VTB6_R1_00001 Datasheet
181Kb / 5P
SURFACE MOUNT SWITCHING DIODES
BAS16VTB6_R1_00001 PANJIT-BAS16VTB6_R1_00001 Datasheet
531Kb / 5P
SURFACE MOUNT SWITCHING DIODES
August 10,2022 BAS16VTB6-REV.02
More results


Similar Description - BAS16VTWPT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BAV99BDWPT ETC2-BAV99BDWPT Datasheet
69Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
logo
Chenmko Enterprise Co. ...
BAS16DPT CHENMKO-BAS16DPT Datasheet
75Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAV16BPT CHENMKO-BAV16BPT Datasheet
109Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAV70BPT CHENMKO-BAV70BPT Datasheet
110Kb / 2P
FAST SWITCHING DIODE VOLTAGE RANGE 100 Volts CURRENT 150 mAmpere
BAV70DPT CHENMKO-BAV70DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
BAV99BDWPT CHENMKO-BAV99BDWPT Datasheet
76Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
BAV99DPT CHENMKO-BAV99DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 215 mAmpere
BAW56DPT CHENMKO-BAW56DPT Datasheet
72Kb / 2P
FAST SWITCHING DIODE ARRAY VOLTAGE 75 Volts CURRENT 150 mAmpere
logo
Rectron Semiconductor
1N4148WS RECTRON-1N4148WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
BAV16WS RECTRON-BAV16WS Datasheet
119Kb / 2P
SMALL SIGNAL DIODE VOLTAGE RANGE 75 Volts CURRENT 150 mAmpere
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com