Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MAX8834Y Datasheet (PDF) - Maxim Integrated Products

MAX8834Y Datasheet PDF - Maxim Integrated Products
Part # MAX8834Y
Download  MAX8834Y Download
File Size   1162.02 Kbytes
Page   43 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adaptive Step-Up Converters with 1.5A Flash Driver

MAX8834Y Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX8834Y Datasheet PDF - Maxim Integrated Products

Part # MAX8834Y
Download  MAX8834Y Click to download

File Size   1162.02 Kbytes
Page   43 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Adaptive Step-Up Converters with 1.5A Flash Driver

MAX8834Y Datasheet (HTML) - Maxim Integrated Products


MAX8834Y Product details

General Description
The MAX8834Y/MAX8834Z flash drivers integrate a 1.5A PWM DC-DC step-up converter and three programmable low-side, low-dropout LED current regulators. The step-up converter features an internal switching MOSFET and synchronous rectifier to improve efficiency and minimize external component count. An I2C interface provides flexible control of stepup converter output voltage setting, movie/flash mode selection, flash timer duration settings, and current regulator settings. The MAX8834Y/MAX8834Z operate down to 2.5V, making them future proof for new battery technologies.

Features
♦ 2.5V to 5.5V Operation Range
♦ Step-Up DC-DC Converter
    1.5A Guaranteed Output Current
    Adaptive or I2C Programmable Output Voltage
    2MHz and 4MHz Switching Frequency Options
♦ Two Flash/Movie LED Current Regulators
    I2C Programmable Flash and Movie Current
    Low-Dropout Voltage (110mV max) at 500mA
♦ LED Indicator Current Regulator
    I2C Programmable Output Current
    Ramp and Blink Timers for Indicator Mode
    Low-Dropout Voltage (130mV max) at 16mA
♦ I2C Programmable Safety and Watchdog Timers
♦ GSM Blank Logic Input
♦ MAXFLASH System Lockup Protection
♦ Remote Temperature Sensor Input
♦ Open/Short LED Detection
♦ Thermal Shutdown Protection
♦ < 1µA Shutdown Current
♦ 20-Bump, 0.5mm Pitch, 2.5mm x 2.0mm WLP

Applications
    Cell Phones and Smart Phones
    PDAs, Digital Cameras, and Camcorders




Similar Part No. - MAX8834Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8834YEWP+T MAXIM-MAX8834YEWP+T Datasheet
984Kb / 44P
Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
More results


Similar Description - MAX8834Y

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1686 MAXIM-MAX1686 Datasheet
210Kb / 12P
Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
logo
Advanced Analogic Techn...
AAT1271 ANALOGICTECH-AAT1271 Datasheet
2Mb / 19P
1.5A Step-Up Current Regulator for Flash LEDs
AAT1271A ANALOGICTECH-AAT1271A Datasheet
2Mb / 19P
1.5A Step-Up Current Regulator for Flash LEDs
logo
Rohm
BD7710GWL ROHM-BD7710GWL Datasheet
931Kb / 40P
1.5A LED Camera Flash Driver
BD7757MWX ROHM-BD7757MWX Datasheet
1Mb / 28P
1.5A LED Camera Flash Driver Synchronous Rectification Step-Up DC/DC
logo
Will Semiconductor Ltd.
WD3170 WILLSEMI-WD3170 Datasheet
1,017Kb / 18P
38V Step-Up Backlight White LED Driver with Flash Mode
WD3171 WILLSEMI-WD3171 Datasheet
939Kb / 18P
38V Step-Up Backlight White LED Driver with Flash Mode
logo
Maxim Integrated Produc...
MAX1687 MAXIM-MAX1687 Datasheet
235Kb / 12P
Step-Up DC-DC Converters with Precise, Adaptive Current Limit for GSM
Rev 0; 2/99
MAX8834 MAXIM-MAX8834 Datasheet
984Kb / 44P
Adaptive Step-Up Converters with 1.5A Flash Driver
Rev 2; 2/10
logo
Kinetic Technologies.
KTD2681 KINETIC-KTD2681 Datasheet
106Kb / 2P
Flash LED Driver with Programmable 1.5A Current Source
August 2020 - Revision 04b
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com