Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD5292 Datasheet (PDF) - Analog Devices

AD5292 Datasheet PDF - Analog Devices
Part # AD5292
Download  AD5292 Download
File Size   650.45 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory

AD5292 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5292 Datasheet PDF - Analog Devices

Part # AD5292
Download  AD5292 Click to download

File Size   650.45 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 256-/1024-Position, DigiPOT Potentiometers with Maximum 짹1% R-Tolerance Error and 20-TP Memory

AD5292 Datasheet (HTML) - Analog Devices


AD5292 Product details

GENERAL DESCRIPTION
The AD5291 and AD5292 are single-channel, 256-/1024-position digital potentiometers1 that combine industry leading variable resistor performance with nonvolatile memory (NVM) in a compact package. These devices are capable of operating across a wide voltage range, supporting both dual supply operation at ±10.5 V to ±16.5 V and single supply operation at +21 V to +33 V, while ensuring less than 1% end-to-end resistor tolerance error and offering 20-time programmable (20-TP) memory.
The guaranteed industry leading low resistor tolerance error feature simplifies open-loop applications as well as precision calibration and tolerance matching applications.

FEATURES
   Single-channel, 256-/1024-position resolution
   20 kΩ, 50 kΩ, and 100 kΩ nominal resistance
   Maximum ±1% nominal resistor tolerance error (resistor
      performance mode)
   20-times programmable wiper memory
   Rheostat mode temperature coefficient: 35 ppm/°C
   Voltage divider temperature coefficient: 5 ppm/°C
   +9 V to +33 V single-supply operation
   ±9 V to ±16.5 V dual-supply operation
   SPI-compatible serial interface
   Wiper setting readback
   Power-on refreshed from 20-TP memory

APPLICATIONS
   Mechanical potentiometer replacement
   Instrumentation: gain and offset adjustment
   Programmable voltage-to-current conversion
   Programmable filters, delays, and time constants
   Programmable power supply
   Low resolution DAC replacement
   Sensor calibration




Similar Part No. - AD5292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5292-EP AD-AD5292-EP Datasheet
444Kb / 16P
1024-Position, Digital Potentiometer with Maximum ±1% R-Tolerance Error and 20-TP Memory
Rev. A
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
AD5292BRUZ-100-RL7 AD-AD5292BRUZ-100-RL7 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
AD5292BRUZ-100-RL7 AD-AD5292BRUZ-100-RL7 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
More results


Similar Description - AD5292

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5235 AD-AD5235 Datasheet
102Kb / 10P
Nonvolatile Memory, Dual 1024 Position Digital Potentiometers
06-Nov-2000
AD5231 AD-AD5231 Datasheet
562Kb / 24P
Nonvolatile Memory, 1024-Position Digital Potentiometers
REV.0
AD5174 AD-AD5174 Datasheet
1,009Kb / 20P
Single-Channel, 1024-Position, Digital Rheostat with SPI Interface and 50-TP Memory
REV. 0
AD5175 AD-AD5175 Datasheet
1Mb / 20P
Single-Channel, 1024-Position, Digital Rheostat with I2C Interface and 50-TP Memory
REV. 0
AD5270 AD-AD5270 Datasheet
725Kb / 24P
1024-/256-Position, 1% Resistor Tolerance Error, SPI Interface and 50-TP Memory Digital Rheostat
Rev. F
AD5272BRMZ-20 AD-AD5272BRMZ-20 Datasheet
713Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5272 AD-AD5272 Datasheet
720Kb / 28P
1024-/256-Position, 1% Resistor Tolerance Error, I2C Interface and 50-TP Memory Digital Rheostat
REV. D
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
256-Position and 33-Position Digital Potentiometers
REV. D
AD5292BRUZ-100 AD-AD5292BRUZ-100 Datasheet
1Mb / 32P
256-/1024-Position, Digital Potentiometers
REV. D
AD5291 AD-AD5291_14 Datasheet
1,019Kb / 30P
256-/1024-Position, Digital Potentiometers
3/10-Rev. A to Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com