Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HMC-ALH508 Datasheet (PDF) - Hittite Microwave Corporation

HMC-ALH508 Datasheet PDF - Hittite Microwave Corporation
Part # HMC-ALH508
Download  HMC-ALH508 Download
File Size   220.13 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz

HMC-ALH508 Datasheet (PDF)

Go To PDF Page Download Datasheet
HMC-ALH508 Datasheet PDF - Hittite Microwave Corporation

Part # HMC-ALH508
Download  HMC-ALH508 Click to download

File Size   220.13 Kbytes
Page   6 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz

HMC-ALH508 Datasheet (HTML) - Hittite Microwave Corporation


HMC-ALH508 Product details

General Description
The hmC-Alh508 is a three stage GaAs hemT mmiC low noise Amplifier (lnA) which operates between 71 and 86 Ghz. The hmC-Alh508 features 13 dB of small signal gain, 4.5 dB of noise figure and an output power of +7 dBm at 1dB compression from two supply voltages at 2.1V and 2.4V respectively. All bond pads and the die backside are Ti/Au metallized and the amplifier device is fully passivated for reliable operation. This versatile lnA is compatible with conventional die attach methods, as well as thermocompression and thermosonic wire bonding, making it ideal for mCm and hybrid microcircuit applications. All data shown herein is measured with the chip in a 50 ohm environment and contacted with rf probes.

Features
   noise figure: <5 dB
   p1dB: +7 dBm
   Gain: 13 dB
   supply Voltage: +2.4V
   50 ohm matched input/output
   Die size: 3.2 x 1.6 x 0.1 mm

Typical Applications
This hmC-Alh508 is ideal for:
• short haul / high Capacity links
• wireless lAns
• Automotive radar
• military & space
• e-Band Communication systems




Similar Part No. - HMC-ALH508

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH508 HITTITE-HMC-ALH508 Datasheet
487Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
logo
Analog Devices
HMC-ALH508 AD-HMC-ALH508 Datasheet
335Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER,
logo
Hittite Microwave Corpo...
HMC-ALH508 HITTITE-HMC-ALH508_10 Datasheet
487Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
More results


Similar Description - HMC-ALH508

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-ALH509 HITTITE-HMC-ALH509 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-APH633 HITTITE-HMC-APH633 Datasheet
189Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
HMC-AUH317 HITTITE-HMC-AUH317 Datasheet
203Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-AUH320 HITTITE-HMC-AUH320 Datasheet
207Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 86 GHz
HMC-ALH459 HITTITE-HMC-ALH459 Datasheet
221Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-APH634 HITTITE-HMC-APH634 Datasheet
187Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 81 - 86 GHz
HMC-ALH508 HITTITE-HMC-ALH508_10 Datasheet
487Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-ALH509 HITTITE-HMC-ALH509_09 Datasheet
192Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
HMC-AUH318 HITTITE-HMC-AUH318_11 Datasheet
478Kb / 6P
GaAs HEMT MMIC MEDIUM POWER AMPLIFIER, 71 - 76 GHz
HMC-ALH459 HITTITE-HMC-ALH459_10 Datasheet
168Kb / 6P
GaAs HEMT LOW NOISE AMPLIFIER, 71 - 86 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com