Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

K246 Datasheet (PDF) - Toshiba Semiconductor

K246 Datasheet PDF - Toshiba Semiconductor
Part # K246
Download  K246 Download
File Size   163.12 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT, IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)

K246 Datasheet (PDF)

Go To PDF Page Download Datasheet
K246 Datasheet PDF - Toshiba Semiconductor

Part # K246
Download  K246 Click to download

File Size   163.12 Kbytes
Page   3 Pages
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor
Description N CHANNEL JUNCTION TYPE (FOR CONSTANT CURRENT, IMPEDANCE CONVERTER AND DC-AC HIGH INPUT IMPEDANCE AMPLIFIER CIRCUIT APPLICATIONS)

K246 Datasheet (HTML) - Toshiba Semiconductor


K246 Product details

For Constant Current, Impedance Converter and DC-AC High Input Impedance Amplifier Circuit Applications



 High breakdown voltage: VGDS= −50 V

 High input impedance: IGSS= −1nA (max) (VGS= −30 V)



 




Similar Part No. - K246

ManufacturerPart #DatasheetDescription
logo
NEC
K246 NEC-K246 Datasheet
114Kb / 8P
SWITCHING N-CHANNEL POWER MOS FET INDUSTRIAL USE
logo
Rohm
K246 ROHM-K246 Datasheet
137Kb / 4P
Small switching (60V, 2A)
logo
Sanyo Semicon Device
K246 SANYO-K246 Datasheet
37Kb / 3P
Ultrahigh-Speed Switching Applications
logo
Siemens Semiconductor G...
K246 SIEMENS-K246 Datasheet
12Kb / 2P
Silicon Spreading Resistance Temperature Sensor in Miniature Leaded Plastic Package
logo
Fuji Electric
K246 FUJI-K246 Datasheet
123Kb / 2P
N-channel MOS-FET
More results


Similar Description - K246

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SK330 TOSHIBA-2SK330 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK363 TOSHIBA-2SK363 Datasheet
226Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK364 TOSHIBA-2SK364 Datasheet
218Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK365 TOSHIBA-2SK365 Datasheet
223Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366 Datasheet
217Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK372 TOSHIBA-2SK372 Datasheet
225Kb / 4P
N CHANNEL JUNCTION TYPE (FOR AUDIO AMPLIFIER, ANALOG SWITCH, CONSTANT CURRENT AND IMPEDANCE CONVERTER APPLICATIONS)
2SK366 TOSHIBA-2SK366_07 Datasheet
648Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant Current and Impedance Converter Applications
2SK372 TOSHIBA-2SK372_07 Datasheet
696Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog-Switch, Constant-Current and Impedance Converter Applications
2SK330 TOSHIBA-2SK330_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
2SK364 TOSHIBA-2SK364_07 Datasheet
655Kb / 5P
Silicon N Channel Junction Type For Audio Amplifier, Analog Switch, Constant Current and Impedance Converter Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com