Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IPP80P03P4L-07 Datasheet (PDF) - Infineon Technologies AG

IPP80P03P4L-07 Datasheet PDF - Infineon Technologies AG
Part # IPP80P03P4L-07
Download  IPP80P03P4L-07 Download
File Size   174.53 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS-P2 Power-Transistor

IPP80P03P4L-07 Datasheet (PDF)

Go To PDF Page Download Datasheet
IPP80P03P4L-07 Datasheet PDF - Infineon Technologies AG

Part # IPP80P03P4L-07
Download  IPP80P03P4L-07 Click to download

File Size   174.53 Kbytes
Page   9 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description OptiMOS-P2 Power-Transistor

IPP80P03P4L-07 Datasheet (HTML) - Infineon Technologies AG


IPP80P03P4L-07 Product details

Features
• P-channel - Logic Level - Enhancement mode
• AEC qualified
• MSL1 up to 260°C peak reflow
• 175°C operating temperature
• Green package (RoHS compliant)
• 100% Avalanche tested
• Intended for reverse battery protection




Similar Part No. - IPP80P03P4L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPP80P03P4L-04 INFINEON-IPP80P03P4L-04 Datasheet
174Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
More results


Similar Description - IPP80P03P4L-07

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPD50P03P4L-11 INFINEON-IPD50P03P4L-11 Datasheet
165Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.1 2009-07-29
IPD80P03P4L-07 INFINEON-IPD80P03P4L-07 Datasheet
170Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPD90P03P4L-04 INFINEON-IPD90P03P4L-04 Datasheet
170Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB45P03P4L-11 INFINEON-IPB45P03P4L-11 Datasheet
174Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-29
IPD90P03P4-04 INFINEON-IPD90P03P4-04 Datasheet
170Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2008-07-30
IPB70P04P4-09 INFINEON-IPB70P04P4-09 Datasheet
224Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.3 2011-02-14
IPB80P04P4L-04 INFINEON-IPB80P04P4L-04 Datasheet
316Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-02-10
IPB180P04P4-03 INFINEON-IPB180P04P4-03 Datasheet
165Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-27
IPD70P04P4L-08 INFINEON-IPD70P04P4L-08 Datasheet
156Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-03-14
IPD85P04P4L-06 INFINEON-IPD85P04P4L-06 Datasheet
156Kb / 9P
OptiMOS-P2 Power-Transistor
Rev. 1.0 2011-04-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com