Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

G28XB Datasheet (PDF) - IDEA.lnc.

G28XB Datasheet PDF - IDEA.lnc.
Part # G28XB
Download  G28XB Download
File Size   195.22 Kbytes
Page   1 Pages
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.
Description 1.8 X 5.3 MM LED ARRAY

G28XB Datasheet (PDF)

Go To PDF Page Download Datasheet
G28XB Datasheet PDF - IDEA.lnc.

Part # G28XB
Download  G28XB Click to download

File Size   195.22 Kbytes
Page   1 Pages
Manufacturer  IDEA [IDEA.lnc.]
Direct Link  http://www.ledidea.com
Logo IDEA - IDEA.lnc.
Description 1.8 X 5.3 MM LED ARRAY

G28XB Datasheet (HTML) - IDEA.lnc.




Similar Part No. - G28XB

ManufacturerPart #DatasheetDescription
logo
Sensata Technologies, I...
G28 SENSATA-G28 Datasheet
119Kb / 2P
Single Pole Single Throw - Normally Open
logo
ORION FANS
G280 ORIONFANS-G280 Datasheet
488Kb / 1P
Fan Guard for 280mm fan
logo
List of Unclassifed Man...
G280416G050 ETC-G280416G050 Datasheet
3Mb / 24P
SPEC TRACOOL Indoor/Outdoor
logo
Pentair plc. All rights...
G280416G050 PENTAIR-G280416G050 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
G280416G051 PENTAIR-G280416G051 Datasheet
2Mb / 24P
SPEC TRACOOL Indoor/Outdoor
More results


Similar Description - G28XB

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH Datasheet
31Kb / 1P
5.3 mm X 1.8 mm Series
logo
Siemens Semiconductor G...
LRZ18X SIEMENS-LRZ18X Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
logo
Maxim Integrated Produc...
21-0056C MAXIM-21-0056C Datasheet
17Kb / 1P
PACKAGE OUTLINE, SSOP, 5.3 MM
Rev C
logo
Panasonic Semiconductor
LN217RP PANASONIC-LN217RP Datasheet
53Kb / 2P
5.3 mm x 1.8 mm Series
logo
Abracon Corporation
AWSZT-MGD ABRACON-AWSZT-MGD Datasheet
658Kb / 2P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
09.23.08
logo
Panasonic Semiconductor
LN217RPH PANASONIC-LN217RPH_08 Datasheet
317Kb / 3P
5.3 mm 횞 1.8 mm
logo
Abracon Corporation
AWSZT-6.00MGD-T ABRACON-AWSZT-6.00MGD-T Datasheet
1,009Kb / 3P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
07.29.11-F
logo
BetLux Electronics
BL-L189 BETLUX-BL-L189 Datasheet
244Kb / 4P
1.8 mm Round Tower Type LED Lamps
REV NO: V.2
logo
Abracon Corporation
AWSZT-3.58MGD-T ABRACON-AWSZT-3.58MGD-T Datasheet
1Mb / 3P
7.4 x 3.4 x 1.8 mm SMD CERAMIC RESONATOR
12.16.2016
logo
Transko Electronics, In...
TCFL0603CF TRANSKO-TCFL0603CF Datasheet
459Kb / 3P
Ceramic Chip Inductor (1.8 x 1.2 x 1.2 mm)
Rev 1: 06-05-2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com