Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TGC1430G Datasheet (PDF) - TriQuint Semiconductor

TGC1430G Datasheet PDF - TriQuint Semiconductor
Part # TGC1430G
Download  TGC1430G Download
File Size   334.67 Kbytes
Page   3 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 20 - 40 GHz X3 Frequency Multiplier

TGC1430G Datasheet (PDF)

Go To PDF Page Download Datasheet
TGC1430G Datasheet PDF - TriQuint Semiconductor

Part # TGC1430G
Download  TGC1430G Click to download

File Size   334.67 Kbytes
Page   3 Pages
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor
Description 20 - 40 GHz X3 Frequency Multiplier

TGC1430G Datasheet (HTML) - TriQuint Semiconductor


TGC1430G Product details

Key Features and Performance
• 0.25um pHEMT Technology
• 20 - 40 GHz Output Frequencies
• 8.5 - 13.5 GHz Fundamental Frequencies
• -15 +/- 2dB Conversion Gain
• 18 dBm Input Drive Optimum
• 15dB Fundamental Isolation
• 30dB 2nd Harmonic Isolation

Primary Applications
• Point-to-Point Radio
• Point-to-Multipoint Communications




Similar Part No. - TGC1430G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430G-EPU TRIQUINT-TGC1430G-EPU Datasheet
87Kb / 4P
20 - 40 GHz X3 Frequency Multiplier
More results


Similar Description - TGC1430G

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGC1430F TRIQUINT-TGC1430F Datasheet
358Kb / 3P
20 - 40 GHz X2 Frequency Multiplier
TGC1430F-EPU TRIQUINT-TGC1430F-EPU Datasheet
105Kb / 4P
20 - 40 GHz X2 Frequency Multiplier
TGC1430G-EPU TRIQUINT-TGC1430G-EPU Datasheet
87Kb / 4P
20 - 40 GHz X3 Frequency Multiplier
logo
Mini-Circuits
RMK-3-662+ MINI-RMK-3-662+ Datasheet
217Kb / 1P
X3 Frequency Multiplier
RMK-3-812+ MINI-RMK-3-812+ Datasheet
221Kb / 1P
X3 Frequency Multiplier
RMK-3-93 MINI-RMK-3-93 Datasheet
403Kb / 2P
X3 Frequency Multiplier
logo
Hittite Microwave Corpo...
HMC-XTB106 HITTITE-HMC-XTB106_10 Datasheet
113Kb / 6P
GaAs MMIC PASSIVE x3 FREQUENCY MULTIPLIER, 24 - 30 GHz INPUT
logo
TriQuint Semiconductor
TGC1430F TRIQUINT-TGC1430F_15 Datasheet
221Kb / 4P
20 - 40 GHz X2 Frequency Multiplier
logo
Mini-Circuits
CY3-453-D+ MINI-CY3-453-D+ Datasheet
594Kb / 9P
X3 Frequency Multiplier
REV. OR
CY3-64-D+ MINI-CY3-64-D+ Datasheet
560Kb / 9P
X3 Frequency Multiplier
REV. OR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com