Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MC10E157FN Datasheet (PDF) - Motorola, Inc

MC10E157FN Datasheet PDF - Motorola, Inc
Part # MC10E157FN
Download  MC10E157FN Download
File Size   99.46 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description QUAD 2:1 MULTIPLEXER

MC10E157FN Datasheet (PDF)

Go To PDF Page Download Datasheet
MC10E157FN Datasheet PDF - Motorola, Inc

Part # MC10E157FN
Download  MC10E157FN Click to download

File Size   99.46 Kbytes
Page   4 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description QUAD 2:1 MULTIPLEXER

MC10E157FN Datasheet (HTML) - Motorola, Inc


MC10E157FN Product details

The MC10E/100E157 contains four 2:1 multiplexers with differential outputs. The output data are controlled by the individual Select (SEL) inputs. The individual select control makes the devices well suited for random logic designs.
   
• Individual Select Controls
• 550ps Max. D to Output
• 800ps Max. SEL to Output
• Extended 100E VEE Range of – 4.2V to – 5.46V
• Internal 75kΩ Input Pulldown Resistors
   




Similar Part No. - MC10E157FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E157FN ONSEMI-MC10E157FN Datasheet
125Kb / 8P
5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10E157FNG ONSEMI-MC10E157FNG Datasheet
125Kb / 8P
5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10E157FNR2 ONSEMI-MC10E157FNR2 Datasheet
125Kb / 8P
5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
MC10E157FNR2G ONSEMI-MC10E157FNR2G Datasheet
125Kb / 8P
5 V ECL Quad 2:1 Multiplexer
November, 2006 ??Rev. 9
More results


Similar Description - MC10E157FN

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10E157 ONSEMI-MC10E157 Datasheet
99Kb / 4P
QUAD 2:1 MULTIPLEXER
1996 REV 2
logo
Micrel Semiconductor
SY10E157 MICREL-SY10E157 Datasheet
59Kb / 4P
QUAD 2:1 MULTIPLEXER
SY10E157 MICREL-SY10E157_06 Datasheet
65Kb / 4P
QUAD 2:1 MULTIPLEXER
logo
Toshiba Semiconductor
TC7MBL3257AFK TOSHIBA-TC7MBL3257AFK Datasheet
171Kb / 7P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MB3257FT TOSHIBA-TC7MB3257FT Datasheet
127Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
TC7MBL3257AFT TOSHIBA-TC7MBL3257AFT Datasheet
177Kb / 8P
Quad 1-of-2 Multiplexer/Demultiplexer
logo
NXP Semiconductors
74CBTLV3257 NXP-74CBTLV3257 Datasheet
479Kb / 19P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 2-26 November 2010
CBT3257ABQ NXP-CBT3257ABQ Datasheet
129Kb / 17P
Quad 1-of-2 multiplexer/demultiplexer
Rev. 5-4 April 2013
logo
Analog Devices
ADG791A AD-ADG791A_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
ADG791G AD-ADG791G_15 Datasheet
567Kb / 24P
Wide Bandwidth, Quad, 2:1 Multiplexer
REV. 0
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com