Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DBCTB12-2 Datasheet (PDF) - Dubilier

DBCTB12-2 Datasheet PDF - Dubilier
Part # DBCTB12-2
Download  DBCTB12-2 Download
File Size   131.78 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE

DBCTB12-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
DBCTB12-2 Datasheet PDF - Dubilier

Part # DBCTB12-2
Download  DBCTB12-2 Click to download

File Size   131.78 Kbytes
Page   1 Pages
Manufacturer  DUBILIER [Dubilier]
Direct Link  http://www.dubilier.co.uk
Logo DUBILIER - Dubilier
Description TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE

DBCTB12-2 Datasheet (HTML) - Dubilier




Similar Part No. - DBCTB12-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
More results


Similar Description - DBCTB12-2

ManufacturerPart #DatasheetDescription
logo
Dubilier
DBCTB1-2 DUBILIER-DBCTB1-2 Datasheet
142Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB2-2 DUBILIER-DBCTB2-2 Datasheet
105Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB4-2 DUBILIER-DBCTB4-2 Datasheet
107Kb / 1P
TERMINAL BLOCKS 5mm PITCH 90 MOUNT - LOW PROFILE
DBCTB12-2 DUBILIER-DBCTB12-2 Datasheet
131Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT - LOW PROFILE
DBCTB16-2 DUBILIER-DBCTB16-2 Datasheet
110Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB42-2 DUBILIER-DBCTB42-2 Datasheet
110Kb / 1P
TERMINAL BLOCKS 5mm PITCH VERTICAL MOUNT
DBCTB56-2 DUBILIER-DBCTB56-2 Datasheet
142Kb / 1P
TERMINAL BLOCKS 3.5mm PITCH VERTICAL MOUNT - LOW PROFILE
logo
CamdenBoss Ltd.
CTBP0500 CAMDENBOSS-CTBP0500 Datasheet
382Kb / 1P
5mm pitch low profile rising clamp terminal blocks
CTBP5000 CAMDENBOSS-CTBP5000 Datasheet
445Kb / 1P
5mm pitch low profile screw terminal blocks
CTBP5050 CAMDENBOSS-CTBP5050 Datasheet
415Kb / 1P
5mm pitch low profile 90° screw terminal blocks
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com