Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

1N4936S Datasheet (PDF) - Compact Technology Corp.

1N4936S Datasheet PDF - Compact Technology Corp.
Part # 1N4936S
Download  1N4936S Download
File Size   48.83 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description FAST RECOVERY RECTIFIERS

1N4936S Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4936S Datasheet PDF - Compact Technology Corp.

Part # 1N4936S
Download  1N4936S Click to download

File Size   48.83 Kbytes
Page   2 Pages
Manufacturer  CTC [Compact Technology Corp.]
Direct Link  http://www.ctc-semicon.com
Logo CTC - Compact Technology Corp.
Description FAST RECOVERY RECTIFIERS

1N4936S Datasheet (HTML) - Compact Technology Corp.


1N4936S Product details

REVERSE VOLTAGE - 50 to 600 Volts

FORWARD CURRENT - 1.0 Ampere



FEATURES

Fast switching for high efficiency

Diffused junction

Low reverse leakage current

Low forward voltage drop

High current capability

Plastic material has UL flammability classification 94V-0



MECHANICAL DATA

Case : A-405 molded plastic

Polarity : Color band denotes cathode

Weight : 0.01 ounces, 0.3 grams

Mounting position : Any




Similar Part No. - 1N4936S

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
1N4936S SEMTECH_ELEC-1N4936S Datasheet
151Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Frontier Electronics.
1N4936S FRONTIER-1N4936S Datasheet
126Kb / 2P
1A FAST RECOVERY PLASTIC RECTIFIER
logo
Compact Technology Corp...
1N4936S CTC-1N4936S Datasheet
67Kb / 2P
FAST RECOVERY RECTIFIERS
More results


Similar Description - 1N4936S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
S5295B EIC-S5295B Datasheet
44Kb / 2P
FAST RECOVERY RECTIFIERS
logo
Galaxy Semi-Conductor H...
ERD29-02 BILIN-ERD29-02 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIERS
FR05-12 BILIN-FR05-12 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIERS
logo
HY ELECTRONIC CORP.
FR301 HY-FR301 Datasheet
90Kb / 2P
FAST RECOVERY RECTIFIERS
logo
SeCoS Halbleitertechnol...
FR201 SECOS-FR201_15 Datasheet
166Kb / 2P
Fast Recovery Rectifiers
SMF101MH SECOS-SMF101MH_15 Datasheet
369Kb / 3P
Fast Recovery Rectifiers
logo
Leshan Radio Company
1F3 LRC-1F3_15 Datasheet
189Kb / 7P
Fast Recovery Rectifiers
1N4936 LRC-1N4936_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
1N4947 LRC-1N4947_15 Datasheet
200Kb / 7P
Fast Recovery Rectifiers
logo
Taiwan Semiconductor Co...
BA157 TSC-BA157_14 Datasheet
379Kb / 4P
Fast Recovery Rectifiers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com