Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A065BJ-00 Datasheet (PDF) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

A065BJ-00 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Part # A065BJ-00
Download  A065BJ-00 Download
File Size   33.04 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description NPN SILICON TRANSISTOR

A065BJ-00 Datasheet (PDF)

Go To PDF Page Download Datasheet
A065BJ-00 Datasheet PDF - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # A065BJ-00
Download  A065BJ-00 Click to download

File Size   33.04 Kbytes
Page   1 Pages
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD
Description NPN SILICON TRANSISTOR

A065BJ-00 Datasheet (HTML) - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD


A065BJ-00 Product details

8550L Transistor Chip Manual

█ Introduction to the chip
    Chip size: 4 inches (100mm)
    Chip code: A065BJ-00
    Chip thickness: 240±20µm
    Core size: 650× 650µm 2
    Welding position size: B pole 105×105µm 2; E pole 105×105µm 2
    Electrode metal: aluminum
    Back metal: gold
    Typical package: S8550, H8550L




Similar Part No. - A065BJ-00

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
A06 DBLECTRO-A06 Datasheet
276Kb / 1P
HIGH DENSITY IDC SOCKET
logo
XP Power Limited
A06 XPPOWER-A06 Datasheet
1Mb / 10P
ISOLATED, PROPORTIONAL DC TO HV DC CONVERTERS
logo
Frontier Electronics.
A06-LFR FRONTIER-A06-LFR Datasheet
131Kb / 2P
1A MINIATURE GENERAL PURPOSE PLASTIC RECTIFIER
logo
Tripp Lite. All Rights ...
A060-006 TRIPPLITE-A060-006 Datasheet
156Kb / 2P
RF Digital Coax Gold Audio Cable (RCA M/M), 6-ft.
A060-012 TRIPPLITE-A060-012 Datasheet
156Kb / 2P
RF Digital Coax Gold Audio Cable (RCA M/M), 12-ft.
More results


Similar Description - A065BJ-00

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
2N3414 MICRO-ELECTRONICS-2N3414 Datasheet
48Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
2SC3731 NEC-2SC3731 Datasheet
193Kb / 3P
NPN SILICON TRANSISTOR
BA1A4M NEC-BA1A4M Datasheet
133Kb / 2P
NPN SILICON TRANSISTOR
AA1L3Z NEC-AA1L3Z Datasheet
119Kb / 2P
NPN SILICON TRANSISTOR
2SD1698 NEC-2SD1698 Datasheet
116Kb / 2P
NPN SILICON TRANSISTOR
2SD1701 NEC-2SD1701 Datasheet
117Kb / 2P
NPN SILICON TRANSISTOR
logo
Seme LAB
2N1616 SEME-LAB-2N1616 Datasheet
22Kb / 2P
NPN SILICON TRANSISTOR
logo
Central Semiconductor C...
MPS3417 CENTRAL-MPS3417 Datasheet
58Kb / 1P
NPN SILICON TRANSISTOR
logo
NEC
NE688M23 NEC-NE688M23 Datasheet
19Kb / 2P
NPN SILICON TRANSISTOR
logo
Fairchild Semiconductor
KSC5603D FAIRCHILD-KSC5603D_10 Datasheet
115Kb / 5P
NPN Silicon Transistor, Planar Silicon Transistor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com